Electronic Components Datasheet Search
  English  ▼

X  

AH22 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AH22
Description  High Dynamic Range CATV Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH22 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AH22 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2002
AH22
Typical Test Data
S-Parameters, single unmatched device (Vdd = +5 V, Ids = 150 mA, T = 22°C, Z = 75 Ω)
Freq. (MHz)
S11 (dB)
S11 Ang
S21 (dB)
S21 Ang
S12 Mag
S12 Ang
S22 (dB)
S22 Ang
10
-12.892
-2.166
17.059
179.076
0.050
-0.502
-36.560
-65.063
50
-12.870
-11.286
17.067
176.030
0.051
0.301
-37.190
-72.212
100
-12.672
-23.045
17.043
172.073
0.051
0.703
-31.958
-82.160
150
-12.356
-33.366
16.967
168.036
0.051
0.964
-28.320
-90.551
200
-11.872
-42.817
16.894
164.326
0.051
1.258
-26.196
-94.845
250
-11.476
-52.297
16.801
160.805
0.051
1.800
-24.523
-100.971
300
-11.056
-60.214
16.723
157.092
0.052
1.771
-23.104
-103.565
350
-10.449
-67.937
16.619
153.456
0.053
1.858
-21.819
-105.985
400
-9.960
-74.745
16.514
149.951
0.053
2.304
-20.846
-108.359
450
-9.505
-80.896
16.376
146.241
0.054
1.529
-20.003
-110.824
500
-9.051
-86.735
16.220
142.910
0.055
1.348
-19.114
-114.155
550
-8.599
-92.061
16.067
139.571
0.056
1.105
-18.350
-115.873
600
-8.188
-97.267
15.918
136.143
0.057
0.884
-17.773
-119.083
650
-7.855
-101.536
15.725
132.858
0.057
-0.090
-17.233
-120.438
700
-7.497
-106.143
15.515
129.818
0.058
-0.565
-16.631
-122.901
750
-7.154
-110.057
15.370
126.785
0.058
-0.719
-16.162
-125.464
800
-6.889
-114.001
15.171
123.633
0.059
-1.741
-15.749
-127.412
850
-6.565
-117.238
14.956
120.846
0.059
-2.484
-15.276
-129.278
900
-6.298
-120.930
14.785
118.193
0.060
-3.030
-14.928
-131.457
950
-6.104
-124.039
14.586
115.177
0.060
-4.081
-14.636
-133.161
1000
-5.852
-127.205
14.378
112.740
0.061
-4.826
-14.283
-135.168
This document contains information on a new product.
Specifications and information are subject to change without notice.
Caution! ESD sensitive device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com