Electronic Components Datasheet Search
  English  ▼

X  

AH22 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AH22
Description  High Dynamic Range CATV Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH22 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AH22 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2002
AH22
Product Description
The AH22 is a high dynamic range amplifier tar-
geting cable TV markets. A combination of gain
flatness, high linearity and bandwidth make it
ideal for CATV distribution, cable modem and
laser diode driver applications. The device is
designed for 75 Ω systems and packaged for
push-pull operation. A mature and reliable GaAs
MESFET technology is employed to maximize
linearity at low power dissipation. The package is
a thermally enhanced SOIC-8 and all devices are
100% RF tested.
Product Features
• 50-860 MHz Bandwidth
• -61 dBc CTB, 110 Channels,
40 dBmV
• -63 dBc CSO, 110 Channels,
40 dBmV
• 4.5 dB Noise Figure
• 11.3 dB Gain
• 23 dBm P1dB
• Surface Mount
• Thermally enhanced SOIC-8 pkg
• Single +5 Volt Supply
Functional Diagram
Absolute Maximum Ratings
Parameter
Rating
Operating Case
-40 to +85°C
Storage Temperature
-40 to +125°C
Junction Temperature
+155°C
Thermal Resistance (θJC)
28°C/W
Supply Voltage
+6.0 V
Input RF Power (continuous)
+13 dBm
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
AH22
High Dynamic CATV Range Amplifier
(Available in tape and reel)
AH22-PCB
Fully Assembled Application Circuit
50-860 MHZ
AH22DUAL-PCB Fully Assembled Application Circuit,
Dual AH22
Function
Pin No.
Input 1
1
Ground
2,3,6,7
Input 2
4
Output/Bias2
5
Output/Bias1
8
12
34
87
6
5
High Dynamic Range CATV Amplifier
Specifications
Parameter
Units
Minimum
Typical
Maximum
Condition
Frequency Range
MHz
50-860
S21-Gain
dB
11.3
50 MHz
S21-Gain
dB
11.0
860 MHz
S11-Input Return Loss
dB
-12
S22-Output Return Loss
dB
-12
Output IP3
dBm
41
Output IP2
dBm
65
Noise Figure
dB
4.5
Output P1dB
dBm
23
71.7 dBmV
CSO
dBc
-63
110 channels, 50-750 MHz, 40 dBmV
output/channel
CSO
dBc
-58
135 channels, 50-860 MHz, 39 dBmV
output/channel
CTB
dBc
-61
110 channels, 50-750 MHz, 40 dBmV
output/channel
CTB
dBc
-59
135 channels, 50-860 MHz, 39 dBmV
output/channel
Operating Current Range
mA
240
300
360
Vdd = 5.0 V
Supply Voltage
V
5
Test conditions unless otherwise noted. T = 25˚C, Vdd = 5.0 V, 75 Ω system.
1. Typical specifications reflect AH22 measured with external matching circuits.
2. OIP3 measured with 2 tones at an output power of 8 dBm/tone separated by 10 MHz. The suppression on the largest IM3 product is used to calculate OIP3 using a 2:1 slope rule.
The Communications Edge™


Similar Part No. - AH22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH222M ETC2-AH222M Datasheet
397Kb / 18P
CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
logo
TriQuint Semiconductor
AH225-S8G TRIQUINT-AH225-S8G Datasheet
1Mb / 21P
1W High Linearity InGaP HBT Amplifier
AH225-S8G TRIQUINT-AH225-S8G_15 Datasheet
1Mb / 21P
1W High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH22S WJCI-AH22S Datasheet
299Kb / 4P
High Dynamic Range CATV Amplifier
AH22S-G WJCI-AH22S-G Datasheet
299Kb / 4P
High Dynamic Range CATV Amplifier
More results

Similar Description - AH22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
AH11 ETC-AH11 Datasheet
127Kb / 6P
High Dynamic Range Amplifier
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH22S WJCI-AH22S Datasheet
299Kb / 4P
High Dynamic Range CATV Amplifier
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH2 WJCI-AH2 Datasheet
393Kb / 5P
High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH22S TRIQUINT-AH22S_15 Datasheet
165Kb / 4P
High Dynamic Range CATV Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com