Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1813
Description  Single/Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology LT1813 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1818/LT1819
18189f
TYPICAL PERFOR A CE CHARACTERISTICS
Slew Rate vs Input Step
Slew Rate vs Supply Voltage
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
18189 G20
20
0
100
+PSRR
PSRR
TA = 25°C
AV = 1
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
18189 G21
20
0
100
TA = 25°C
VS = ±5V
VS = ±2.5V
INPUT STEP (VP-P)
0
800
2000
2
4
5
18189 G22
400
1600
1200
3
6
SR–
SR+
TA =25°C
AV = –1
VS = ±5V
RF = RG = RL = 500Ω
SUPPLY VOLTAGE (
±V)
0
0
500
2
4
5
18189 G23
1000
1500
2000
1
3
6
7
TA =25°C
AV = –1
RF = RG = RL = 500Ω
VIN = 6VP-P
VIN = 2VP-P
Gain Bandwidth and Phase Margin
vs Supply Voltage
SUPPLY VOLTAGE (
±V)
3
18189 G19
45
35
40
30
24
450
350
400
300
56
TA = 25°C
GBW
RL = 500Ω
GBW
RL = 100Ω
PHASE MARGIN
RL = 100Ω
PHASE MARGIN
RL = 500Ω
Differential Gain and Phase
vs Supply Voltage
Slew Rate vs Temperature
SUPPLY VOLTAGE (
±V)
2
0
0.02
0.06
0.08
0.10
3
4
18189 G25
0.04
0.12
0
0.02
0.06
0.08
0.10
0.04
TA = 25°C
5
6
DIFFERENTIAL GAIN
RL = 150Ω
DIFFERENTIAL PHASE
RL = 150Ω
TEMPERATURE (
°C)
–50
1600
2000
2400
25
75
18189 G24
1200
800
–25
0
50
100
125
400
0
VS = ±5V
VS = ±2.5V
AV = –1
RF = RG = RL = 500Ω
Distortion vs Frequency, AV = 2
Distortion vs Frequency, AV = –1
FREQUENCY (Hz)
–60
–70
–80
–90
–100
–110
–120
18189 G27
1M
10M
2M
5M
AV = –1
VS = ±5V
VO = 2VP-P
2ND, RL = 100
2ND, RL = 500
3RD, RL = 100
3RD, RL = 500
FREQUENCY (Hz)
–60
–70
–80
–90
–100
–110
–120
18189 G26
1M
10M
2M
5M
AV = 2
VS = ±5V
VO = 2VP-P
2ND, RL = 100
2ND, RL = 500
3RD, RL = 500
3RD, RL = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com