Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1813
Description  Single/Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 5 Page - Linear Technology

  LT1813 Datasheet HTML 1Page - Linear Technology LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1818/LT1819
18189f
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 9). VS = 5V, 0V; VCM = 2.5V, RL to 2.5V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Differential inputs of
±6V are appropriate for transient operation
only, such as during slewing. Large sustained differential inputs can cause
excessive power dissipation and may damage the part.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up
drift.
Note 5: With
±5V supplies, slew rate is tested in a closed-loop gain of –1
by measuring the rise time of the output from –2V to 2V with an output
step from –3V to 3V. With single 5V supplies, slew rate is tested in a
closed-loop gain of –1 by measuring the rise time of the output from 1.5V
to 3.5V with an output step from 1V to 4V. Falling edge slew rate is not
production tested, but is designed, characterized and expected to be within
10% of the rising edge slew rate.
Note 6: Full power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP
Note 7: This parameter is not 100% tested.
Note 8: The LT1818C/LT1818I and LT1819C/LT1819I are guaranteed
functional over the operating temperature range of – 40
°C to 85°C.
Note 9: The LT1818C/LT1819C are guaranteed to meet specified
performance from 0
°C to 70°C and is designed, characterized and
expected to meet the extended temperature limits, but is not tested at
–40
°C and 85°C. The LT1818I/LT1819I are guaranteed to meet the
extended temperature limits.
Note 10: Thermal resistance (
θJA) varies with the amount of PC board
metal connected to the package. The specified values are for short traces
connected to the leads. If desired, the thermal resistance can be
significantly reduced by connecting the V– pin to a large metal area.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT
Output Current
VOUT = 1.5V or 3.5V, 30mV Overdrive
±30
±50
mA
TA = 0°C to 70°C
q
±25
mA
TA = –40°C to 85°C
q
±20
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive (Note 3)
±80
±140
mA
TA = 0°C to 70°C
q
±70
mA
TA = –40°C to 85°C
q
±50
mA
SR
Slew Rate
AV = 1
1000
V/
µs
AV = –1 (Note 5)
450
800
V/
µs
TA = 0°C to 70°C
q
375
V/
µs
TA = –40°C to 85°C
q
300
V/
µs
FPBW
Full Power Bandwidth
2VP-P (Note 6)
125
MHz
GBW
Gain Bandwidth Product
f = 4MHz, RL = 500Ω
240
360
MHz
TA = 0°C to 70°C
q
230
MHz
TA = –40°C to 85°C
q
220
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V Step
0.7
ns
tPD
Propagation Delay
AV = 1, 50% to 50%, 0.1V Step
1.1
ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
20
%
HD
Harmonic Distortion
HD2, AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–72
dBc
HD3, AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–74
dBc
dG
Differential Gain
AV = 2, RL = 150Ω
0.07
%
dP
Differential Phase
AV = 2, RL = 150Ω
0.07
DEG
IS
Supply Current
Per Amplifier
8.5
10
mA
TA = 0°C to 70°C
q
13
mA
TA = –40°C to 85°C
q
14
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com