Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1813
Description  Single/Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1818/LT1819
18189f
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Temperature
Input Common Mode Range
vs Supply Voltage
Input Bias Current vs Common
Mode Voltage
Input Noise Spectral Density
Open-Loop Gain vs Resistive Load
Input Bias Current vs Temperature
Output Voltage Swing
vs Supply Voltage
Output Voltage Swing
vs Load Current
Open-Loop Gain vs Temperature
TEMPERATURE (
°C)
–50
–25
0
4
12
10
0
50
75
18189 G01
2
8
6
25
100
125
VS = ±5V
VS = ±2.5V
PER AMPLIFIER
SUPPLY VOLTAGE (
± V)
0
V –
1.0
1.5
2.0
V +
– 2.0
–1.5
2
4
5
18189 G02
0.5
–1.0
– 0.5
1
3
6
7
TA = 25°C
∆VOS < 1mV
INPUT COMMON MODE VOLTAGE (V)
–5
TA = 25°C
VS = ± 5V
5
18189 G03
– 2.5
0
2.5
2
0
–2
–4
–6
–8
TEMPERATURE (
°C)
–50
–1.2
–0.8
0
25
75
18189 G04
–1.6
–2.0
–25
0
50
100
125
–2.4
–2.8
–0.4
VS = ±5V
VS = ±2.5V
VCM = 0V
FREQUENCY (Hz)
10
100
1
10
in
100
0.1
1
10
1k
10k
100k
18189 G05
TA = 25°C
VS = ± 5V
AV = 101
RS = 10k
en
LOAD RESISTANCE (
Ω)
100
80
77
74
71
68
65
62
1k
10k
18189 G06
TA = 25°C
VS = ± 5V
VS = ± 2.5V
TEMPERATURE (
°C)
–50
80
77
74
71
68
65
62
25
75
18189 G07
–25
0
50
100
125
VS = ± 5V
VO = ± 3V
RL = 100Ω
RL = 500Ω
SUPPLY VOLTAGE (
± V)
0
V –
1.0
1.5
2.0
V +
– 2.0
–1.5
2
4
5
18189 G08
0.5
–1.0
– 0.5
1
3
6
7
TA = 25°C
∆VOS = 30mV
RL = 100Ω
RL = 100Ω
RL = 500Ω
RL = 500Ω
OUTPUT CURRENT (mA)
–120
–2
40
18189 G09
–3
–4
–5
5
4
3
2
–80
–40
0
80
120
TA = 25°C
VS = ±5V
∆VOS = 30mV
SINK
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com