Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5502
Description  RF Frequency Range: 800MHz to 2.7GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 7 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT5504
7
5504i
VCC
OUTPUT CURRENTS
FROM RF AND IF
DETECTORS
VOUT
CC
400
µA
5504 F04
+
–
TYPICAL APPLICATIO S
Limiting Mixer and LPF
The amplified RF signal is down-converted using the
limiting mixer and LO signal. The resulting signal is filtered
by the 3rd-order, 450MHz, integrated low pass filter (LPF).
Only the desired IF signal is passed to the IF limiters for
further detection. Any other mixing products, including LO
feedthrough, are much reduced to maximize sensitivity.
The receiver’s sensitivity is thus defined by the LPF band-
width.
IF Limiter
The IF signal is then amplified through the multiple limiter
stages for further signal detection. All DC offsets, includ-
ing LO signal self-mixing, are eliminated by an internal DC
offset cancellation circuit. Nevertheless, care should be
taken in component placement and in PCB layout to
minimize LO coupling to the RF port.
Output Interface
The output interface of the LT55O4 is shown in Figure 4.
The output currents from the RF and IF detectors are
summed and converted into an output voltage, VOUT.
The maximum charging current available to the output
load is about 400
µA. An internal compensation capacitor
CC is used to guarantee stable operation for a large
capacitive output load. The slew rate is 80V/
µs and the
small signal output bandwidth is approximately 5MHz
when the output is resistively terminated. When the output
APPLICATIO S I FOR ATIO
Figure 5. LT5504 Evaluation Board Circuit Schematic
Figure 6.Component Side Silkscreen of Evaluation Board
5504 F04
1
2
3
4
8
7
6
5
VCC
RF+
RF–
GND
VCC
VOUT
LO
EN
C2
100pF
C3
1nF
C7
100pF
VOUT
LO
INPUT
VCC
R1
82
Ω
R3
10k
R2
200
Ω
R5
500k
R4
20k
C1
100pF
C4
1nF
RF
INPUT
LT5504
JUMPER
T1
TOKO
617DB-1022
is loaded with a large capacitor CL, the slew rate is limited
to 400
µA/CL. For example, the slew rate is reduced to 4V/
µs when CL = 100pF.
Figure 4. Simplified Circuit Schematic of the Output Interface
Applications
The LT5504 can be used as a self-standing signal strength-
measuring receiver (RSSI) for a wide range of input
signals from – 75dBm to +5dBm, for frequencies from
800MHz to 2.7GHz.
The LT5504 can be used as a demodulator for AM and ASK
modulated signals with data rates up to 5MHz. Depending
on specific application needs, the RSSI output can be split
into two branches, providing AC coupled data output, and
DC coupled, RSSI output for signal strength measure-
ments and AGC. Refer to Figure 5.
The LT5504 can also be used as a wide range RF power
detector for transmit power control.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com