Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5502
Description  RF Frequency Range: 800MHz to 2.7GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 5 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT5504
5
5504i
5504 G12
100ns/DIV
VOUT
1V/DIV
PULSED
RF
900MHz
0dBm
1V/DIV
Output Voltage and Slope Variation
vs RF Input Power and Temperature
Output Voltage and Slope Variation
vs RF Input Power and Temperature
PI FU CTIO S
BLOCK DIAGRA
TYPICAL PERFOR A CE CHARACTERISTICS
Output Response Time
VCC (Pins 1, 8 ): Power Supply Pins. These pins must be
tied together at the part as close as possible, and should
be decoupled using 1000pF capacitors.
RF+ (Pin 2): Positive RF Input Pin.
RF– (Pin 3): Negative RF Input Pin.
GND (Pin 4): Ground Pin.
EN (Pin 5): Enable Pin. The on/off threshold voltage
is about VCC/2. When the input voltage is higher than
0.6 • VCC, the circuit is completely turned on. When the
input voltage is less than 0.4 • VCC, the circuit is turned off.
LO (Pin 6): Local Oscillator Input Pin.
VOUT (Pin 7): Output Pin.
5504 BD
2
3
6
7
DET
DET
DET
DET
• • •
LO
BUFFER
RF
LIMITER
IF
LIMITER
IF
LIMITER
LIMITING
MIXER
LPF
RF+
RF–
LO
5
EN
4
GND
1
8
VCC
VCC
VOUT
+
ENABLE
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G11
0
fRF = 1.9GHz
fIF = 400MHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 85°C
TA = 25°C
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G10
0
fRF = 1.9GHz
fIF = 70MHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 25°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com