Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5502
Description  RF Frequency Range: 800MHz to 2.7GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 1 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT5504
1
5504i
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Final Electrical Specifications
s
RSSI Measurements
s
Receive AGC
s
Transmit Power Control
s
ASK and Envelope Demodulation
s
GSM/TDMA/CDMA/WCDMA
s
RF Frequency Range: 800MHz to 2.7GHz
s
Ultra Wide Dynamic Range: 80dB Over Full
Frequency Range and Over Temperature
s
Wide Power Supply Range: 2.7V to 5.25V
s
Low Supply Current: 14.7mA at 3V
s
Shutdown Current: 0.2
µA
s
8-Lead MS0P Package
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
800MHz to 2.7GHz
RF Measuring Receiver
January 2002
The LT
®5504 is an 800MHz to 2700MHz monolithic inte-
grated measuring receiver, capable of detecting a wide
dynamic range RF signal from –75dBm to +5dBm. The
logarithm of the RF signal is precisely converted into a
linear DC voltage. The LT5504 consists of RF/IF limiters,
an LO buffer amplifier, a limiting mixer, a 3rd-order
450MHz integrated low pass filter, RF/IF detectors and an
output interface. The ultrawide dynamic range is achieved
by simultaneously measuring the RF signal and a down-
converted IF signal obtained using the on-chip mixer and
an external local oscillator. The RF- and IF-detected sig-
nals are summed to generate an accurate linear DC voltage
proportional to the input RF voltage (or power) in dB. The
output is buffered with a low output impedance driver.
, LTC and LT are registered trademarks of Linear Technology Corporation.
5504 TA01a
• • •
RF+
RF–
VOUT
R1
82
Ω
RF
INPUT
ENABLE
GND
LO
LO
INPUT
OUTPUT
C3
10pF
C1
100pF
R2
200
Ω
EN
3V
VCC
C2
1nF
LT5504
RF
DETECTOR
IF
DETECTOR
IF
DETECTOR
Output Voltage and Slope
Variation vs RF Input Power
PIN (dBm)
–80
2.4
2.0
1.6
1.2
0.8
0.4
0
–60
–40 –30
10
5504 TA01b
–70
–50
–20 –10
0
6
4
2
0
–2
–4
–6
fRF = 900MHz
fIF = 240MHz
AVERAGE SLOPE:23mV/dB


Similar Part No. - LT5502

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
240Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
194Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5502EGN LINER-LT5502EGN Datasheet
237Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
More results

Similar Description - LT5502

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5504 LINER-LT5504_09 Datasheet
183Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
logo
Linear Technology
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
logo
Maxim Integrated Produc...
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
logo
Linear Technology
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com