Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1813
Description  Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 1 Page - Linear Technology

  LT1813 Datasheet HTML 1Page - Linear Technology LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT6301
sn6301 6301f
Dual 500mA, Differential xDSL
Line Driver in 28-Lead TSSOP Package
s
Drives Two Lines from One Package
s
Exceeds All Requirements For Full Rate,
Downstream ADSL Line Drivers
s
Power Enhanced 28-Lead TSSOP Package
s
Power Saving Adjustable Supply Current
s
±500mA Minimum IOUT
s
±11.1V Output Swing, VS = ±12V, RL = 100Ω
s
±10.9V Output Swing, VS = ±12V, IL = 250mA
s
Low Distortion: – 82dBc at 1MHz, 2VP-P Into 50Ω
s
200MHz Gain Bandwidth
s
600V/
µs Slew Rate
s
Specified at
±12V and ±5V
s
High Density ADSL Central Office Line Drivers
s
High Efficiency ADSL, HDSL2, SHDSL Line Drivers
s
Buffers
s
Test Equipment Amplifiers
s
Cable Drivers
The LT
®6301 is a 500mA minimum output current, quad
op amp with outstanding distortion performance. The
amplifiers are gain-of-ten stable, but can be easily com-
pensated for lower gains. The extended output swing al-
lows for lower supply rails to reduce system power. Supply
current is set with an external resistor to optimize power
dissipation. The LT6301 features balanced, high imped-
ance inputs with low input bias current and input offset
voltage. Active termination is easily implemented for fur-
ther system power reduction. Short-circuit protection and
thermal shutdown ensure the device’s ruggedness.
The outputs drive a 100
Ω load to ±11.1V with ±12V
supplies, and
±10.9V with a 250mA load. The LT6301 is a
functional replacement for the LT1739 and LT1794 in
xDSL line driver applications and requires no circuit
changes.
The LT6301 is available in the very small, thermally
enhanced, 28-lead TSSOP package for maximum port
density in line driver applications.
, LTC and LT are registered trademarks of Linear Technology Corporation.
High Efficiency
±12V Supply ADSL Line Driver
6301 TA01
+
–
1/4
LT6301
–IN
–
+
1/4
LT6301
+IN
12V
SHDN
–12V
12.7
Ω
24.9k
1:2*
110
Ω
1000pF
110
Ω
1k
1k
12.7
Ω
SHDNREF
100
Ω
*COILCRAFT X8390-A OR EQUIVALENT
ISUPPLY = 10mA PER AMPLIFIER
WITH RSHDN = 24.9k
TWO COMPLETE ADSL LINE DRIVERS
PROVIDED WITH ONE LT6301 PACKAGE
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO


Similar Part No. - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
logo
List of Unclassifed Man...
LT1813 ETC1-LT1813 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1813 LINER-LT1813 Datasheet
244Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
LT1813 LINER-LT1813 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1794 LINER-LT1794 Datasheet
275Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
xDSL Differential Line Driver
September 29, 2006
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Linear Technology
LT1739 LINER-LT1739 Datasheet
286Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6300 LINER-LT6300_15 Datasheet
239Kb / 16P
500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
LT1739 LINER-LT1739_15 Datasheet
291Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794_15 Datasheet
285Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com