Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1813
Description  Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology LT1813 Datasheet HTML 12Page - Linear Technology LT1813 Datasheet HTML 13Page - Linear Technology LT1813 Datasheet HTML 14Page - Linear Technology LT1813 Datasheet HTML 15Page - Linear Technology LT1813 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT6301
sn6301 6301f
©LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0303 2K • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1361
Dual 50MHz, 800V/
µs Op Amp
±15V Operation, 1mV VOS, 1µA IB
LT1739
Dual 500mA, 200MHz xDSL Line Driver
Low Cost ADSL CO Driver, Low Power
LT1794
Dual 500mA, 200MHz xDSL Line Driver
ADSL CO Driver, Extended Output Swing, Low Power
LT1795
Dual 500mA, 50MHz Current Feedback Amplifier
Shutdown/Current Set Function, ADSL CO Driver
LT1813
Dual 100MHz, 750V/
µs, 8nV/√Hz Op Amp
Low Noise, Low Power Differential Receiver, 4mA/Amplifier
LT1886
Dual 200mA, 700MHz Op Amp
12V Operation, 7mA/Amplifier, ADSL CPE Modem Line Driver
LT1969
Dual 200mA, 700MHz Op Amp with Power Control
12V Operation, MSOP Package, ADSL CPE Modem Line Driver
LT6300
Dual 500mA, 200MHz, xDSL Line Driver
ADSL CO Driver in SSOP Package
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
Figure 16. ADSL Line Driver Using Active Termination
TYPICAL APPLICATIO
6301 F16
+
–
1/4
LT6301
–IN
–
+
1/4
LT6301
+IN
12V
SHDN
–12V
13.7
Ω
24.9k
1:1.2*
182
Ω
1000pF
182
Ω
1k
1.65k
1.65k
1k
13.7
Ω
SHDNREF
100
Ω
LINE
*COILCRAFT X8502-A OR EQUIVALENT
1W DRIVER POWER DISSIPATION
1.15W POWER CONSUMPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com