Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1813
Description  Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT6301
sn6301 6301f
TYPICAL PERFOR A CE CHARACTERISTICS
Differential Harmonic Distortion
vs Supply Current
Undistorted Output Swing
vs Frequency
ISUPPLY PER AMPLIFIER (mA)
–85
–80
–70
–65
–60
789
10
–40
6301 G18
–75
23456
11
–55
–50
–45
VO = 10VP-P
VS = ±12V
AV = 10
RL = 50Ω
f = 1MHz, HD3
f = 1MHz, HD2
f = 100kHz, HD2
f = 100kHz, HD3
FREQUENCY (Hz)
100k
0
5
10
15
20
300k
1M
3M
10M
6301 G19
SFDR > 40dB
TA = 25°C
VS = ±12V
AV = 10
RL = 50Ω
IS PER AMPLIFIER = 10mA
TEST CIRCUIT
3 OR 9
2 OR 8
–12V
1k
12V
26 OR 20
4
(SHDN)
10
RBIAS
RBIAS
TO PINS: 18, 19, 24 AND 25
TO PINS: 1, 14, 15, 16,
21, 22, 27 AND 28
110
Ω
OUT (+)
OUT (–)
10k
EIN
0.01
µF
RL ≈ 50Ω
1:2*
10k
49.9
Ω
110
Ω
12.7
Ω
6301 TC
11
23
OR
17
5 (SHDNREF)
–
+
A OR C
7 OR 13
6 OR 12
1k
0.1
µF
4.7
µF
0.1
µF
12V
–12V
–
+
B OR D
12.7
Ω
VOUT(P-P)
100 LINE LOAD
SUPPLY BYPASSING
*COILCRAFT X8390-A OR EQUIVALENT
VOUTP-P AMPLITUDE SET AT EACH AMPLIFIER OUTPUT
DISTORTION MEASURED ACROSS LINE LOAD
FOR MATCHING, USE AMPLIFIERS A AND B,
OR AMPLIFIERS C AND D
SPLITTER
MINICIRCUITS
ZSC5-2-2
+
+
4.7
µF
+
0.1
µF
4.7
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com