Electronic Components Datasheet Search
  English  ▼

X  

M58LW064C Datasheet(PDF) 6 Page - STMicroelectronics

Part # M58LW064C
Description  64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M58LW064C Datasheet HTML 2Page - STMicroelectronics M58LW064C Datasheet HTML 3Page - STMicroelectronics M58LW064C Datasheet HTML 4Page - STMicroelectronics M58LW064C Datasheet HTML 5Page - STMicroelectronics M58LW064C Datasheet HTML 6Page - STMicroelectronics M58LW064C Datasheet HTML 7Page - STMicroelectronics M58LW064C Datasheet HTML 8Page - STMicroelectronics M58LW064C Datasheet HTML 9Page - STMicroelectronics M58LW064C Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
M58LW064C
6/61
SUMMARY DESCRIPTION
M58LW064C is a 64 Mbit (4Mb x16) non-volatile
memory that can be read, erased and repro-
grammed. These operations can be performed us-
ing a single low voltage (2.7V to 3.6V) core supply.
On power-up the memory defaults to Read mode
with an asynchronous bus where it can be read in
the same way as a non-burst Flash memory.
The memory is divided into 64 blocks of 1Mbit that
can be erased independently so it is possible to
preserve valid data while old data is erased. Pro-
gram and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of
programming or erasing the memory by taking
care of all of the special operations that are re-
quired to update the memory contents. The end of
a Program or Erase operation can be detected and
any error conditions identified in the Status Regis-
ter. The command set required to control the
memory is consistent with JEDEC standards.
The Write Buffer allows the microprocessor to pro-
gram from 1 to 16 Words in parallel, both speeding
up the programming and freeing up the micropro-
cessor to perform other work. A Word Program
command is available to program a single Word.
Erase can be suspended in order to perform either
Read or Program in any other block and then re-
sumed. Program can be suspended to Read data
in any other block and then resumed. Each block
can be programmed and erased over 100,000 cy-
cles.
Individual block protection against Program or
Erase is provided for data security. All blocks are
protected during power-up. The protection of the
blocks is non-volatile; after power-up the protec-
tion status of each block is restored to the state
when power was last removed. Software com-
mands are provided to allow protection of some or
all of the blocks and to cancel all block protection
bits simultaneously. All Program or Erase opera-
tions are blocked when the Program Erase Enable
input VPEN is low.
The Reset/Power-Down pin is used to apply a
Hardware Reset to the memory and to set the de-
vice in power-down mode.
The STS pin gives information about the memory
status. It can be configured in two status: to output
a static signal about the status of P/E C (when low
P/E C is busy, when high P/E C is ready for a new
operation) or to give a pulsing signal to indicate
the end of programming or erasing blocks. In this
last configuration it supplies a system interrupt sig-
nal useful for saving time.
In asynchronous mode Chip Enable, Output En-
able and Write Enable signals control the bus op-
eration of the memory. An Address Latch input can
be used to latch addresses in Latch Controlled
mode. Together they allow simple, yet powerful,
connection to most microprocessors, often without
additional logic.
In synchronous mode all Bus Read operations are
synchronous with the Clock. Chip Enable and Out-
put Enable select the Bus Read operation and the
Latch Enable input is used to latch the address.
The signals are compatible with most micropro-
cessor burst interfaces.
The device includes a 128 bit Protection Register.
The Protection Register is divided into two 64 bit
segments: the first contains a unique device num-
ber written by ST, the second is user programma-
ble. The user programmable segment can be
protected.
The memory is available in TSOP56 (14 x 20 mm)
and TBGA64 (10 x 13mm, 1mm pitch) packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com