Electronic Components Datasheet Search
  English  ▼

X  

M58LW064C Datasheet(PDF) 38 Page - STMicroelectronics

Part # M58LW064C
Description  64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064C Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M58LW064C Datasheet HTML 34Page - STMicroelectronics M58LW064C Datasheet HTML 35Page - STMicroelectronics M58LW064C Datasheet HTML 36Page - STMicroelectronics M58LW064C Datasheet HTML 37Page - STMicroelectronics M58LW064C Datasheet HTML 38Page - STMicroelectronics M58LW064C Datasheet HTML 39Page - STMicroelectronics M58LW064C Datasheet HTML 40Page - STMicroelectronics M58LW064C Datasheet HTML 41Page - STMicroelectronics M58LW064C Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
M58LW064C
38/61
Table 20. Asynchronous Write and Latch Controlled Write AC Characteristics, Chip Enable
Controlled
Symbol
Parameter
Test Condition
M58LW064C
Unit
110
tAVLH
Address Valid to Latch Enable High
Min
10
ns
tAVEH
Address Valid to Chip Enable High
W = VIL
Min
50
ns
tDVEH
Data Input Valid to Chip Enable High
W = VIL
Min
50
ns
tWLEL
Write Enable Low to Chip Enable Low
Min
0
ns
tWLLL
Write Enable Low to Latch Enable Low
Min
0
ns
tLHAX
Latch Enable High to Address Transition
Min
6
ns
tLHGL
Latch Enable High to Output Enable Low
Min
35
ns
tLHEH
Latch Enable High to Chip Enable High
Min
0
ns
tLLLH
Latch Enable low to Latch Enable High
Min
10
ns
tLLEH
Latch Enable Low to Chip Enable High
Min
50
ns
tVPHEH
Program/Erase Enable High to Chip Enable High
Min
0
ns
tEHAX
Chip Enable High to Address Transition
W = VIL
Min
0
ns
tEHBL
Chip Enable High to Ready/Busy low
Max
500
ns
tEHDX
Chip Enable High to Input Transition
W = VIL
Min
0
ns
tEHWH
Chip Enable High to Write Enable High
Min
0
ns
tGHEL
Output Enable High to Chip Enable Low
Min
20
ns
tEHGL
Chip Enable High to Output Enable Low
Min
35
ns
tEHEL
Chip Enable High to Chip Enable Low
Min
30
ns
tELEH
Chip Enable Low to Chip Enable High
W = VIL
Min
70
ns
tELLH
Chip Enable Low to Latch Enable High
W = VIL
Min
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com