Electronic Components Datasheet Search
  English  ▼

X  

M58LW064C Datasheet(PDF) 14 Page - STMicroelectronics

Part # M58LW064C
Description  64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M58LW064C Datasheet HTML 10Page - STMicroelectronics M58LW064C Datasheet HTML 11Page - STMicroelectronics M58LW064C Datasheet HTML 12Page - STMicroelectronics M58LW064C Datasheet HTML 13Page - STMicroelectronics M58LW064C Datasheet HTML 14Page - STMicroelectronics M58LW064C Datasheet HTML 15Page - STMicroelectronics M58LW064C Datasheet HTML 16Page - STMicroelectronics M58LW064C Datasheet HTML 17Page - STMicroelectronics M58LW064C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
M58LW064C
14/61
put Enable must remain High, VIH, during the
whole Asynchronous Bus Write operation. See
Figures 15 and 17 Asynchronous Latch Controlled
Write AC Waveforms, and Tables 19 and 20,
Asynchronous Write and Latch Controlled Write
AC Characteristics, for details of the timing re-
quirements.
Output Disable. The Data Inputs/Outputs are in
the high impedance state when the Output Enable
is High.
Standby. When Chip Enable is High, VIH, the
memory enters Standby mode and the Data In-
puts/Outputs pins are placed in the high imped-
ance state regardless of Output Enable or Write
Enable. The Supply Current is reduced to the
Standby Supply Current, IDD1.
During Program or Erase operations the memory
will continue to use the Program/Erase Supply
Current, IDD3, for Program or Erase operations un-
til the operation completes.
Automatic Low Power. If there is no change in
the state of the bus for a short period of time during
Asynchronous Bus Read operations the memory
enters Auto Low Power mode where the internal
Supply Current is reduced to the Auto-Standby
Supply Current, IDD5. The Data Inputs/Outputs will
still output data if a Bus Read operation is in
progress.
Automatic Low Power is only available in Asyn-
chronous Read modes.
Power-Down. The memory is in Power-Down
mode when Reset/Power-Down, RP, is Low. The
power consumption is reduced to the Power-Down
level, IDD2, and the outputs are high impedance,
independent of Chip Enable, Output Enable or
Write Enable.
Table 2. Asynchronous Bus Operations
Note: 1. X = Don’t Care VIL or VIH. High = VIH or VHH.
Bus Operation
Step
E
G
W
RP
L
A1-A22
DQ0-DQ15
Asynchronous Bus Read
VIL
VIL
VIH
High
VIL
Address
Data Output
Asynchronous Latch
Controlled Bus Read
Address Latch
VIL
VIL
VIH
High
VIL
Address
High Z
Read
VIL
VIL
VIH
High
VIH
X
Data Output
Asynchronous Page Read
VIL
VIL
VIH
High
VIL
Address
Data Output
Asynchronous Bus Write
VIL
VIH
VIL
High
VIL
Address
Data Input
Asynchronous Latch
Controlled Bus Write
Address Latch
VIL
VIH
VIL
High
VIL
Address
Data Input
Output Disable
VIL
VIH
VIH
High
X
X
High Z
Standby
VIH
X
X
High
X
X
High Z
Power-Down
X
X
X
VIL
X
X
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com