Electronic Components Datasheet Search
  English  ▼

X  

AD9895 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9895
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9895 Datasheet(HTML) 3 Page - Analog Devices

  AD9895 Datasheet HTML 1Page - Analog Devices AD9895 Datasheet HTML 2Page - Analog Devices AD9895 Datasheet HTML 3Page - Analog Devices AD9895 Datasheet HTML 4Page - Analog Devices AD9895 Datasheet HTML 5Page - Analog Devices AD9895 Datasheet HTML 6Page - Analog Devices AD9895 Datasheet HTML 7Page - Analog Devices AD9895 Datasheet HTML 8Page - Analog Devices AD9895 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
REV. A
–3–
AD9891/AD9895–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
–20
+85
°C
Storage
–65
+150
°C
POWER SUPPLY VOLTAGE
AVDD1, AVDD2 (AFE Analog Supply)
2.7
3.0
3.6
V
TCVDD (Timing Core Analog Supply)
2.7
3.0
3.6
V
RGVDD (RG Driver)
3.0
5.0
5.25
V
HVDD (H1–H4 Drivers)
3.0
5.0
5.25
V
DRVDD (Data Output Drivers)
2.7
3.0
3.6
V
DVDD (Digital)
2.7
3.0
3.6
V
POWER DISSIPATION–AD9891 (See TPC 1 for Power Curves)
20 MHz, Typ Supply Levels, 100 pF H1–H4 Loading
380
mW
Power from HVDD Only
*
220
mW
Power-Down 1 Mode
42
mW
Power-Down 2 Mode
8
mW
Power-Down 3 Mode
2.5
mW
POWER DISSIPATION–AD9895 (See TPC 4 for Power Curves)
30 MHz, Typ Supply Levels, 100 pF H1–H4 Loading
600
mW
Power from HVDD Only
*
320
mW
Power-Down 1 Mode
138
mW
Power-Down 2 Mode
22
mW
Power-Down 3 Mode
2.5
mW
MAXIMUM CLOCK RATE (CLI)
AD9891
20
MHz
AD9895
30
MHz
*The total power dissipated by the HVDD supply may be approximated using the equation:
Total HVDD Power = [CLOAD
HVDD
Pixel Frequency]
HVDD
Number of H-Outputs Used
Reducing the H-loading, using only two of the outputs, and/or using a lower HVDD supply will reduce the power dissipation.
Actual HVDD power may be slightly higher than the calculated value because of stray capacitance inherent in the PCB layout/routing.
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS (Except H and RG)
High Level Output Voltage @ IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage @ IOL = 2 mA
VOL
0.5
V
RG and H-DRIVER OUTPUTS (H1–H4)
High Level Output Voltage @ Max Current
VOH
VDD – 0.5
V
Low Level Output Voltage @ Max Current
VOL
0.5
V
Maximum Output Current (Programmable)
24
mA
Maximum Load Capacitance (for Each Output)
100
pF
Specifications subject to change without notice.
(RGVDD = HVDD = 4.75 V to 5.25 V, DVDD = DRVDD = 2.7 V to 3.5 V, CL = 20 pF, TMIN to TMAX,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com