Electronic Components Datasheet Search
  English  ▼

X  

AD9895 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9895
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9895 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9895 Datasheet HTML 28Page - Analog Devices AD9895 Datasheet HTML 29Page - Analog Devices AD9895 Datasheet HTML 30Page - Analog Devices AD9895 Datasheet HTML 31Page - Analog Devices AD9895 Datasheet HTML 32Page - Analog Devices AD9895 Datasheet HTML 33Page - Analog Devices AD9895 Datasheet HTML 34Page - Analog Devices AD9895 Datasheet HTML 35Page - Analog Devices AD9895 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
REV. A
–32–
AD9891/AD9895
VD
NOTES
1. VD FALLING EDGE WILL RESET THE PxGA GAIN STEERING TO “0101” LINE.
2. HD FALLING EDGES WILL ALTERNATE THE PxGA GAIN STEERING BETWEEN “0101” AND “1212” LINES.
3. ALL FIELDS WILL HAVE THE SAME PxGA GAIN STEERING PATTERN (FLD STATUS IS IGNORED).
HD
00
00
00
0
0
0
11
11
11
11
11
22
11
22
X
X
PxGA GAIN
REGISTER
FLD
ODD FIELD
EVEN FIELD
Figure 39c. Mosaic Repeat Color Steering Mode
VD
NOTES
1. EACH LINE FOLLOWS “012012” STEERING PATTERN.
2. VD AND HD FALLING EDGES WILL RESET THE PxGA GAIN REGISTER STEERING TO GAIN REGISTER “0.”
3. FLD STATUS IS IGNORED.
HD
02
02
02
0
0
2
10
10
10
10
02
10
02
10
X
X
PxGA GAIN
REGISTER
FLD
ODD FIELD
EVEN FIELD
Figure 39d. 3-Color 1-Color Steering Mode
VD
NOTES
1. VD FALLING EDGE WILL RESET THE PxGA GAIN REGISTER STEERING TO “012012” LINE.
2. HD FALLING EDGES WILL ALTERNATE THE PxGA GAIN REGISTER STEERING BETWEEN “012012” AND “210210” LINES.
3. FLD STATUS IS IGNORED.
HD
02
02
02
0
0
2
10
10
10
10
20
12
20
12
X
X
PxGA GAIN
REGISTER
FLD
ODD FIELD
EVEN FIELD
Figure 39e. 3-Color 2-Color Steering Mode
VD
NOTES
1. EACH LINE FOLLOWS “01230123” STEERING PATTERN.
2. VD AND HD FALLING EDGES WILL RESET THE PxGA GAIN REGISTER STEERING TO GAIN REGISTER “0.”
3. FLD STATUS IS IGNORED.
HD
02
02
02
0
0
2
13
13
13
13
02
13
02
13
X
X
PxGA GAIN
REGISTER
FLD
ODD FIELD
EVEN FIELD
Figure 39f. 4-Color 1-Color Steering Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com