Electronic Components Datasheet Search
  English  ▼

X  

AD9895 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9895
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9895 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9895 Datasheet HTML 27Page - Analog Devices AD9895 Datasheet HTML 28Page - Analog Devices AD9895 Datasheet HTML 29Page - Analog Devices AD9895 Datasheet HTML 30Page - Analog Devices AD9895 Datasheet HTML 31Page - Analog Devices AD9895 Datasheet HTML 32Page - Analog Devices AD9895 Datasheet HTML 33Page - Analog Devices AD9895 Datasheet HTML 34Page - Analog Devices AD9895 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
REV. A
AD9891/AD9895
–31–
RR
Gb
Gb
Gr
Gr
BB
CCD: PROGRESSIVE BAYER
LINE0
GAIN0, GAIN1, GAIN0, GAIN1, ...
RR
Gr
Gr
Gb
Gb
BB
LINE1
LINE2
GAIN2, GAIN3, GAIN2, GAIN3, ...
GAIN0, GAIN1, GAIN0, GAIN1, ...
MOSAIC SEPARATE COLOR
STEERING MODE
Figure 38a. CCD Color Filter Example: Progressive Scan
LINE0
GAIN0, GAIN1, GAIN0, GAIN1, ...
RR
Gr
Gr
LINE1
LINE2
GAIN0, GAIN1, GAIN0, GAIN1, ...
GAIN0, GAIN1, GAIN0, GAIN1, ...
Gb
Gb
BB
LINE0
GAIN2, GAIN3, GAIN2, GAIN3, ...
LINE1
LINE2
GAIN2, GAIN3, GAIN2, GAIN3, ...
GAIN2, GAIN3, GAIN2, GAIN3, ...
MOSAIC INTERLACED
COLOR STEERING MODE
Gb
Gb
BB
Gb
Gb
BB
Gb
Gb
BB
RR
Gr
Gr
RR
Gr
Gr
RR
Gr
Gr
EVEN FIELD
ODD FIELD
CCD: INTERLACED BAYER
Figure 38b. CCD Color Filter Example: Interlaced
VD
NOTES
1. VD FALLING EDGE WILL RESET THE PxGA GAIN REGISTER STEERING TO “0101” LINE.
2. HD FALLING EDGES WILL ALTERNATE THE PxGA GAIN REGISTER STEERING BETWEEN “0101” AND “2323” LINES.
3. FLD STATUS IS IGNORED.
HD
00
00
00
0
0
0
11
11
11
11
22
33
22
33
X
X
PxGA GAIN
REGISTER
FLD
ODD FIELD
EVEN FIELD
Figure 39a. Mosaic Separate Color Steering Mode
VD
NOTES
1. FLD FALLING EDGE (START OF ODD FIELD) WILL RESET THE PxGA GAIN REGISTER STEERING TO “0101” LINE.
2. FLD RISING EDGE (START OF EVEN FIELD) WILL RESET THE PxGA GAIN REGISTER STEERING TO “2323” LINE.
3. HD FALLING EDGES WILL RESET THE PxGA GAIN REGISTER STEERING TO EITHER “0” (FLD = ODD) OR “2” (FLD = EVEN).
HD
00
00
22
2
0
2
11
11
33
33
00
11
22
33
X
X
PxGA GAIN
REGISTER
FLD
ODD FIELD
EVEN FIELD
Figure 39b. Mosaic Interlaced Color Steering Mode
example, the Mosaic Separate Steering Mode accommodates the
popular “Bayer” arrangement of Red, Green, and Blue filters
(see Figure 38a).
The same Bayer pattern can also be interlaced, and the Mosaic
Interlaced Mode should be used with this type of CCD (see
Figure 38b). The color steering performs the proper multiplex-
ing of the R, G, and B gain values (loaded into the PxGA gain
registers) and is synchronized by the vertical (VD) and horizon-
tal (HD) sync pulses. The PxGA gain for each of the four
channels is variable from –2dB to +10 dB, controlled in 64
steps through the serial interface. The PxGA gain curve is
shown in Figure 40.
COLOR
STEERING
CONTROL
4:1
MUX
3
PxGA
STEERING
MODE
SELECTION
2
6
VD
HD
PxGA GAIN
REGISTERS
CONTROL
REGISTER
BITS D0:D2
SHP/SHD
VGA
CDS
GAIN0
GAIN1
GAIN2
GAIN3
PxGA
Figure 37. PxGA Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com