Electronic Components Datasheet Search
  English  ▼

X  

EPC635 Datasheet(PDF) 23 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 23 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 19Page - Espros Photonics corp EPC635 Datasheet HTML 20Page - Espros Photonics corp EPC635 Datasheet HTML 21Page - Espros Photonics corp EPC635 Datasheet HTML 22Page - Espros Photonics corp EPC635 Datasheet HTML 23Page - Espros Photonics corp EPC635 Datasheet HTML 24Page - Espros Photonics corp EPC635 Datasheet HTML 25Page - Espros Photonics corp EPC635 Datasheet HTML 26Page - Espros Photonics corp EPC635 Datasheet HTML 27Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
5.3.2. Software reset via I2C
The epc635 can be software reset by sending I2C general call reset command (chapter 5.4.4.). Reset behaviour is similar to the RESET
pin. The chip is resetting including all analog and digital blocks at the same time.
5.3.3. Strap pins
The epc635 has output pins with dual/alternative functionality for PCB level flexible start-up configuration changing, called 'strap pins'. RE-
SET release is followed by a very short strap pin scanning step. The chip programs all of its strap pins as inputs with internal weak pull-
downs enabled for 4 osc_clk periods. If there is no external pull-up resistor connected, the corresponding strap pin will be scanned as logic
0 due to internal pull-down resistor. If there is an external pull-up resistor connected (Figure 14), it will override the internal pull-down and
corresponding pin will be scanned as logic 1. After the strap scan period, pins are programmed back as outputs so that they can be used
for their main function. Strap pins and their definitions are listed below (Table 11).
Pin
Strap pin
Definition
XSYNC_SAT_CFG
3
reserved
HSYNC_A1
35
Set A1 bit of 7-bit I2C slave device address (section 5.4.1.).
VSYNC_A0
34
Set A0 bit of 7-bit I2C slave device address (section 5.4.1.).
DCLK, DATA7 … DATA0
1, 13 … 10, 8, 7, 5, 4
reserved
Table 11: Strap pin definition
IMPORTANT:
For having the strap pin function correctly, there should be only one 10kΩ pull-up resistor per pin be active on the line during strap-scan
phase. No other pull-down/pull-up resistor, neither on the board nor in the pins of the application CPU shall be added or enabled, respect -
ively. Destination pins in the receiving device (application CPU) must be configured always as inputs during the start-up and never pro -
grammed as outputs at any time. If the receiving device by default enables its internal pull-down/up resistors during start-up phase, the ap -
plication SW must disable them before the reset is released and until the end of the strap-scan phase.
5.3.4. Start-up (Clock, PLL turn-on and EEPROM copy)
The epc635 starts using either the internal 4MHz oscillator OSC with a crystal/resonator (Figure 14) or an external 4MHz clock, followed by
an EEPROM copy sequence in parallel to the PLL turn-on phase. This is the factory default configuration.
Several configuration registers are modified by copying the EEPROM content (Figure 68 and Table 41, i.e. overwrite reset values). The
EEPROM copy step takes 340µs after the RESET is released. Note, the PLL lock time (stable < 32µs) is relatively faster compared to the
slower EEPROM copy.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
23 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com