Electronic Components Datasheet Search
  English  ▼

X  

EPC635 Datasheet(PDF) 43 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 43 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 39Page - Espros Photonics corp EPC635 Datasheet HTML 40Page - Espros Photonics corp EPC635 Datasheet HTML 41Page - Espros Photonics corp EPC635 Datasheet HTML 42Page - Espros Photonics corp EPC635 Datasheet HTML 43Page - Espros Photonics corp EPC635 Datasheet HTML 44Page - Espros Photonics corp EPC635 Datasheet HTML 45Page - Espros Photonics corp EPC635 Datasheet HTML 46Page - Espros Photonics corp EPC635 Datasheet HTML 47Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
5.9.5. Detailed TCMI timing
DCLK
t
L
t
H
t
rfDCLK
t
rfDCLK
0.8 x VDDIO
0.2 x VDDIO
t
DCLK
VSYNC
HSYNC
Data out
Data out
Data out
Blanking
t
DDV
DATA [11:0]
XSYNC_SAT
t
DDC
t
Data valid
t
DV
Blanking
Figure 40: Detailed TCMI timing
Symbol
Parameter
Min.
Typ.
Max.
Units
tDCLK
TCMI readout clock: typ. fDCLK = 20MHz / max. fDCLK = 80MHz 1
50
12.5
ns
tDDV
Delay time after positive edge of DCLK until data are valid
2.0
ns
tDDC
Data start changing before positive edge of DCLK
1.7
ns
trfDCLK
Rise and fall time of DCLK, VSYNC, HSYNC, XSYNC, Data[11:0]
2.0
ns
tH
High period of DCLK 1
5.0
ns
tL
Low period of DCLK 1
3.5
ns
tData valid
Output data on the TCMI interface are valid (depends on DCLK)
8.8
ns
Table 24: TCMI timing parameters (CL = 20 pF max.)
Note 1: Is DCLK >40MHz, tH and tL value need to be reduced by 2.5ns for covering safely delay and jitter effects of this output.
R65
C4
1
2
3
4
5
6
7
8
t
PLL=12.5ns
R65
C5
R65
C6
R55
C7
VSYNC
HSYNC
DATA[11:0]
XSYNC_SAT
DCLK
pll_clk
TCMI detailed bus timing: DCLK=40MHz (pll_clk / 2)
R65
C4
1
2
3
4
5
6
7
8
t
PLL=12.5ns
R65
C5
R65
C6
VSYNC
HSYNC
DATA[11:0]
XSYNC_SAT
DCLK
pll_clk
TCMI detailed bus timing: DCLK=26.6MHz (pll_clk / 3)
R65
C4
1
2
3
4
5
6
7
8
t
PLL=12.5ns
R65
C5
VSYNC
HSYNC
DATA[11:0]
XSYNC_SAT
DCLK
pll_clk
TCMI detailed bus timing: DCLK=20MHz (default, pll_clk / 4)
R65
C4
1
2
3
4
5
6
7
8
t
PLL=12.5ns
R65
C6
VSYNC
HSYNC
DATA[11:0]
XSYNC_SAT
DCLK
pll_clk
TCMI detailed bus timing: DCLK=16MHz (pll_clk / 5)
Figure 41: TCMI timing examples with symmetric and asymmetric DCLK
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
43 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com