Electronic Components Datasheet Search
  English  ▼

X  

EPC635 Datasheet(PDF) 50 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 50 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 46Page - Espros Photonics corp EPC635 Datasheet HTML 47Page - Espros Photonics corp EPC635 Datasheet HTML 48Page - Espros Photonics corp EPC635 Datasheet HTML 49Page - Espros Photonics corp EPC635 Datasheet HTML 50Page - Espros Photonics corp EPC635 Datasheet HTML 51Page - Espros Photonics corp EPC635 Datasheet HTML 52Page - Espros Photonics corp EPC635 Datasheet HTML 53Page - Espros Photonics corp EPC635 Datasheet HTML 54Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 97 page
background image
DCS0: mga 0°, mgb 180°
mod_clk
led_mod
mga
mgb
DCS1: mga 90°, mgb 270°
mod_clk
led_mod
mga
mgb
T
LED
= 50ns
Figure 48: Sine mode 2x DCS modulation/demodulation waveforms
(mod_clk = 80MHz)
The first sample pair (DCS0 and DCS1) is enough to calculate 3D TOF distance for that pixel. The second pair (DCS2 and DCS3) can be
used for calculating the π-delay matching algorithm to compensate for fixed pattern noise and device mismatches during pixel readout op -
eration. The application SW must run the same algorithm on every pixel to compute the 3D TOF distance for the entire pixel-field.
Sine mode: Distance calculation algorithm
The use of the atan definition of the Cartesian coordinate system (atan2) guarantees a continuous distance calculation algorithm in the
range of phases between -π … +π. In our case, we use the range from 0º… 360º which corresponds to the distance from 0m up to the un-
ambiguity distance.
y-axis
x-axis
0
π/2
-π/2
-π
π
x
y
x / y
φ
φ = atan2 (x , y) = atan2
(y
x
)
Definition atan2 for the range -π … π
atan(y/x)
for x > 0
atan(y/x) + π
for x < 0, y ≥ 0
atan(y/x) - π
for x < 0, y < 0
atan2(x,y) :=
+π/2
for x = 0, y > 0
-π/2
for x = 0, y < 0
0
for x = 0, y = 0
Note: Variations in notation
φ = atan2(x , y ) or atan2(y, x)
The arguments are reversed depending on implementation.
Figure 49: Continuous atan representation for the range -π … +π
Let the respective 12 bit samples measured for a single pixel from 4 DCS (0, 1, 2, 3) frames be DCS0, DCS1, DCS2 and DCS3.
Thereof, the sampling of 4x DCS samples corresponds to the following sinusoidal signal representation for the epc635 chip:
tMOD
time
0
amplitude
φ
time-of-flight
0°
90°
180°
270°
phase shift
DCS0
DCS1
DCS2
DCS3
sample
sample
emitted AC signal
received AC signal
0°
Figure 50: Sampling of the received waveform
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
50 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com