Electronic Components Datasheet Search
  English  ▼

X  

IPM6220 Datasheet(PDF) 7 Page - Intersil Corporation

Part # IPM6220
Description  Advanced Triple PWM and Dual Linear Power Controller for Portable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IPM6220 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button IPM6220 Datasheet HTML 3Page - Intersil Corporation IPM6220 Datasheet HTML 4Page - Intersil Corporation IPM6220 Datasheet HTML 5Page - Intersil Corporation IPM6220 Datasheet HTML 6Page - Intersil Corporation IPM6220 Datasheet HTML 7Page - Intersil Corporation IPM6220 Datasheet HTML 8Page - Intersil Corporation IPM6220 Datasheet HTML 9Page - Intersil Corporation IPM6220 Datasheet HTML 10Page - Intersil Corporation IPM6220 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
converters for 5V Main and 3.3V Main buses, two linear
regulators for 3.3V ALWAYS and 5V ALWAYS, and a 12V
boost converter.
The two synchronous converters operate out of phase to
substantially reduce the input-current ripple, minimizing input
filter requirements, minimizing battery heating and
prolonging battery life.
The 12V boost controller uses a 100kHz clock derived from
the main clock. This controller uses leading edge modulation
with the maximum duty cycle limited to 33%.
The chip has three input control lines SDWN1, SDWN2 and
SDWNALL. These are provided for Advanced Configuration
and Power Interface (ACPI) compatibility. They turn on and
off all outputs, as well as provide independent control of the
3.3V Main and +5V Main outputs.
To maximize efficiency for the 5V Main and 3.3V Main outputs,
the current-sense technique is based on the lower MOSFET
rDS(ON). Light-load efficiency is further enhanced by a
hysteretic mode of operation which is automatically engaged at
light loads when the inductor current becomes discontinuous.
3.3V Main and 5V Main Architecture
These main outputs are generated from the unregulated
battery input by two independent synchronous buck
converters. The IC integrates all the components required
for output voltage setpoint and feedback compensation,
significantly reducing the number of external components,
saving board space and parts cost.
The buck PWM controllers employ a 300kHz fixed frequency
current-mode control scheme with input voltage feed-
forward ramp programming for better rejection of input
voltage variations.
Figure 4 shows the out-of-phase operation for the 3.3V Main
and 5V Main outputs. The phase node is the junction of the
upper MOSFET, lower MOSFET and the output inductor.
The phase node is high when the upper MOSFET is
conducting and the inductor current rises accordingly. When
the phase node is low, the lower MOSFET is conducting and
the inductor current is ramping down as shown.
Current Sensing and Current Limit Protection
Both PWM converters use the lower MOSFET on-state
resistance, rDS(ON), as the current-sensing element. This
technique eliminates the need for a current sense resistor
and the associated power losses. If more accurate current
protection is desired, current sense resistors may be used in
series with the lower MOSFETs’ source.
To set the current limit, place a resistor, RSNS, between the
ISEN inputs and the drain of the lower MOSFET (or optional
current sense resistor). The required value of the RSNS
resistor is determined from the following equation:
where IOCDC is the desired DC overcurrent limit; RCS is
either the rDS(ON) of the lower MOSFET, or the value of the
optional current-sense resistor, Vo is the output voltage and L
is the output inductor. Also, the value of RCS should be
specified for the expected maximum operating
temperature.
The sensed voltage, and the resulting current out of the
ISEN pin through RSNS, is used for current feedback and
current limit protection. This is compared with an internal
current limit threshold. When a sampled value of the output
current is determined to be above the current limit
threshold, the PWM drive is terminated and a counter is
initiated. This limits the inductor current build-up and
essentially switches the converter into current-limit mode. If
an overcurrent is detected between 26
µs to 53µs later, an
overcurrent shutdown is initiated. If during the 26
µs to 53µs
period, an overcurrent is not detected, the counter is reset
and sampling continues as normal.
This current limit scheme has proven to be very robust in
applications like portable computers where fast inductor
current build-up is common due to a large difference
between input and output voltages and a low value of the
inductor.
Light-Load (Hysteretic) Operation
In the light-load (hysteretic) mode the output voltage is
regulated by the hysteretic comparator which regulates the
output voltage by maintaining the output voltage ripple as
shown in Figure 5. In Hysteretic mode, the inductor current
flows only when the output voltage reaches the lower limit of
the hysteretic comparator and turns off at the upper limit.
Hysteretic mode saves converter energy at light loads by
supplying energy only at the time when the output voltage
requires it. This mode conserves energy by reducing the
power dissipation associated with continuous switching.
RSNS
Rcs
135
µA
------------------ Iocdc
Vo
L2
300kHz
×
×
-----------------------------------------
+


100
–
=
0 A, V
0 A, V
5V PHASE (10V/DIV.)
1
µs/DIV.
IL3.3V (2A/DIV.)
IL5V (2A/DIV.)
5A
5A
VIN = 10.8V
3.3V PHASE (10V/DIV.)
FIGURE 4. OUT OF PHASE OPERATION
IPM6220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com