Electronic Components Datasheet Search
  English  ▼

X  

IPM6220 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IPM6220
Description  Advanced Triple PWM and Dual Linear Power Controller for Portable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IPM6220 Datasheet(HTML) 3 Page - Intersil Corporation

  IPM6220 Datasheet HTML 1Page - Intersil Corporation IPM6220 Datasheet HTML 2Page - Intersil Corporation IPM6220 Datasheet HTML 3Page - Intersil Corporation IPM6220 Datasheet HTML 4Page - Intersil Corporation IPM6220 Datasheet HTML 5Page - Intersil Corporation IPM6220 Datasheet HTML 6Page - Intersil Corporation IPM6220 Datasheet HTML 7Page - Intersil Corporation IPM6220 Datasheet HTML 8Page - Intersil Corporation IPM6220 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Simplified Power System Diagram
Typical Application
PWM1
5V MAIN
Q1
Q2
LINEAR
LINEAR
PWM3
IPM6220
CONTROLLER
CONTROLLER
CONTROLLER
CONTROLLER
PWM2
CONTROLLER
VBATT
3.3V MAIN
Q1
Q2
VBATT
VBATT
12V BOOST
MONITORS
PGOOD
VOLTAGE,
CURRENT
3.3V ALWAYS
5V ALWAYS
FIGURE 2.
+VBATT
µP CORE
CLOCK
I/O
VCORE
VI/O
VCLOCK
C8051
5V ALWAYS
3.3V ALWAYS
VID CODE
SDWN1
SDWN2
5V MAIN
3.3V MAIN
IPM6220
IPM6210
ENABLE
SDWN
SDWNALL
PROCESSOR
ON/OFF
12V
RESET
PGOOD
PGOOD
PCM
CIA
FIGURE 3.
IPM6220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com