Electronic Components Datasheet Search
  English  ▼

X  

IR3080M Datasheet(PDF) 18 Page - International Rectifier

Part # IR3080M
Description  XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080M Datasheet(HTML) 18 Page - International Rectifier

Back Button IR3080M Datasheet HTML 13Page - International Rectifier IR3080M Datasheet HTML 14Page - International Rectifier IR3080M Datasheet HTML 15Page - International Rectifier IR3080M Datasheet HTML 16Page - International Rectifier IR3080M Datasheet HTML 17Page - International Rectifier IR3080M Datasheet HTML 18Page - International Rectifier IR3080M Datasheet HTML 19Page - International Rectifier IR3080M Datasheet HTML 20Page - International Rectifier IR3080M Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
IR3080
VID = 11111X Fault
VID codes of 111111 and 111110 will set the fault latch and disable the error amplifier. An 800ns delay is provided
to prevent a fault condition from occurring during Dynamic VID changes.
Power Good Output
The PWRGD pin is an open-collector output and should be pulled up to a voltage source through a resistor. During
soft start, the PWRGD remains low until the output voltage is in regulation and SS/DEL is above 3.91V. The
PWRGD pin becomes low if the fault latch is set. A high level at the PWRGD pin indicates that the converter is in
operation and has no fault, but does not ensure the output voltage is within the specification. Output voltage
regulation within the design limits can logically be assured however, assuming no component failure in the system.
Load Current Indicator Output
The VDRP pin voltage represents the average current of the converter plus the DAC voltage. The load current can
be retrieved by a differential amplifier which subtracts the VDAC voltage from the VDRP voltage.
System Reference Voltage (VBIAS)
The IR3081 supplies a 6.8V/5mA precision reference voltage from the VBIAS pin. The oscillator ramp amplitude
tracks the VBIAS voltage, which should be used to program the Phase IC trip points to minimize phase delay errors.
Thermal Monitoring (VRHOT)
The IR3080 senses its own die temperature and produces a voltage at the input of the VRHOT comparator that is
proportional to temperature. An external resistor divider connected from VBIAS to the HOTSET pin and ground can
be used to program the thermal trip point of the VRHOT comparator. The VRHOT pin is an open-collector output
and should be pulled up to a voltage source through a resistor. If the thermal trip point is reached the VRHOT
output drives low. Pulling HOTSET above approximately 7.5V will disable the oscillator (used during factory testing).
Page 18 of 41
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com