Electronic Components Datasheet Search
  English  ▼

X  

IR3080M Datasheet(PDF) 2 Page - International Rectifier

Part # IR3080M
Description  XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080M Datasheet(HTML) 2 Page - International Rectifier

  IR3080M Datasheet HTML 1Page - International Rectifier IR3080M Datasheet HTML 2Page - International Rectifier IR3080M Datasheet HTML 3Page - International Rectifier IR3080M Datasheet HTML 4Page - International Rectifier IR3080M Datasheet HTML 5Page - International Rectifier IR3080M Datasheet HTML 6Page - International Rectifier IR3080M Datasheet HTML 7Page - International Rectifier IR3080M Datasheet HTML 8Page - International Rectifier IR3080M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IR3080
ORDERING INFORAMATION
Device
Order Quantity
IR3080MTR
3000 per reel
* IR3080M
100 piece strips
* Samples only
ABSOLUTE MAXIMUM RATINGS
Operating Junction Temperature……………..150
oC
Storage Temperature Range………………….-65
oC to 150oC
ESD Rating……………………………………..HBM Class 1C JEDEC standard
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
VIDFB
20V
-0.3V
1mA
1mA
2
VCCVID
20V
-0.5V
400mA
50mA
3
VIDPWR
20V
-0.3V
1mA
400mA
4-9
VID0-5
20V
-0.3V
10mA
10mA
10, 11,
13,14
TRM1-4
Do Not Connect
Do Not Connect
Do Not Connect
Do Not Connect
12
VOSNS-
0.5V
-0.5V
10mA
10mA
15
ROSC
20V
-0.5V
1mA
1mA
16
VDAC
20V
-0.3V
1mA
1mA
17
OCSET
20V
-0.3V
1mA
1mA
18
IIN
20V
-0.3V
1mA
1mA
19
VDRP
20V
-0.3V
5mA
5mA
20
FB
20V
-0.3V
1mA
1mA
21
EAOUT
10V
-0.3V
10mA
20mA
22
BBFB
20V
-0.3V
1mA
1mA
23
VBIAS
20V
-0.3V
1mA
1mA
24
VCC
20V
-0.3V
1mA
50mA
25
LGND
n/a
n/a
50mA
1mA
26
RMPOUT
20V
-0.3V
1mA
1mA
27
HOTSET
20V
-0.3V
1mA
1mA
28
VRHOT
20V
-0.3V
1mA
50mA
29
SS/DEL
20V
-0.3V
1mA
1mA
30
PWRGD
20V
-0.3V
1mA
20mA
31
VIDPGD
20V
-0.3V
1mA
20mA
32
VIDDEL
20V
-0.3V
1mA
1mA
Page 2 of 41
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com