Electronic Components Datasheet Search
  English  ▼

X  

LPC2212 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 15Page - NXP Semiconductors LPC2212 Datasheet HTML 16Page - NXP Semiconductors LPC2212 Datasheet HTML 17Page - NXP Semiconductors LPC2212 Datasheet HTML 18Page - NXP Semiconductors LPC2212 Datasheet HTML 19Page - NXP Semiconductors LPC2212 Datasheet HTML 20Page - NXP Semiconductors LPC2212 Datasheet HTML 21Page - NXP Semiconductors LPC2212 Datasheet HTML 22Page - NXP Semiconductors LPC2212 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Philips Semiconductors
LPC2212/LPC2214
16/32-bit ARM microcontrollers with external memory interface
Product data
Rev. 02 — 23 December 2004
19 of 40
9397 750 13149
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.9 Pin function select register 2 (PINSEL2 - 0xE002C014)
The PINSEL2 register controls the functions of the pins as per the settings listed in
Table 8. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions direction is controlled automatically.
Settings other than those shown in the table are reserved, and should not be used.
31:30
P0.31
0
0
Reserved
0
0
1
Reserved
1
0
Reserved
1
1
Reserved
Table 7:
Pin function select register 1 (PINSEL1 - 0xE002C004)…continued
PINSEL1
Pin Name
Value
Function
Value after
Reset
Table 8:
Pin function select register 2 (PINSEL2 - 0xE002C014)
PINSEL2 bits
Description
Reset value
1:0
Reserved.
-
2
When 0, pins P1.36:26 are used as GPIO pins. When 1, P1.31:26 are used as a
Debug port.
P1.26/RTCK
3
When 0, pins P1.25:16 are used as GPIO pins. When 1, P1.25:16 are used as a
Trace port.
P1.20/
TRACESYNC
5:4
Controls the use of the data bus and strobe pins:
BOOT1:0
Pins P2.7:0
11 = P2.7:0
0x or 10 = D7:0
Pin P1.0
11 = P1.0
0x or 10 = CS0
Pin P1.1
11 = P1.1
0x or 10 = OE
Pin P3.31
11 = P3.31
0x or 10 = BLS0
Pins P2.15:8
00 or 11 = P2.15:8
01 or 10 = D15:8
Pin P3.30
00 or 11 = P3.30
01 or 10 = BLS1
Pins P2.27:16
0x or 11 = P2.27:16
10 = D27:16
Pins P2.29:28
0x or 11 = P2.29:28 or reserved
10 = D29:28
Pins P2.31:30
0x or 11 = P2.31:30 or AIN5:4
10 = D31:30
Pins P3.29:28
0x or 11 = P3.29:28 or AIN6:7
10 = BLS2:3
6
If bits 5:4 are not 10, controls the use of pin P3.29: 0 enables P3.29, 1 enables
AIN6.
1
7
If bits 5:4 are not 10, controls the use of pin P3.28: 0 enables P3.28, 1 enables
AIN7.
1
8
Controls the use of pin P3.27: 0 enables P3.27, 1 enables WE.
0
10:9
Reserved.
-
11
Controls the use of pin P3.26: 0 enables P3.26, 1 enables CS1.
0
12
Reserved.
-
13
If bits 25:23 are not 111, controls the use of pin P3.23/A23/XCLK: 0 enables
P3.23, 1 enables XCLK.
0
15:14
Controls the use of pin P3.25: 00 enables P3.25, 01 enables CS2, 10 and 11
are reserved values.
00
17:16
Controls the use of pin P3.24: 00 enables P3.24, 01 enables CS3, 10 and 11
are reserved values.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com