Electronic Components Datasheet Search
  English  ▼

X  

LPC2212 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 23Page - NXP Semiconductors LPC2212 Datasheet HTML 24Page - NXP Semiconductors LPC2212 Datasheet HTML 25Page - NXP Semiconductors LPC2212 Datasheet HTML 26Page - NXP Semiconductors LPC2212 Datasheet HTML 27Page - NXP Semiconductors LPC2212 Datasheet HTML 28Page - NXP Semiconductors LPC2212 Datasheet HTML 29Page - NXP Semiconductors LPC2212 Datasheet HTML 30Page - NXP Semiconductors LPC2212 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Philips Semiconductors
LPC2212/LPC2214
16/32-bit ARM microcontrollers with external memory interface
Product data
Rev. 02 — 23 December 2004
27 of 40
9397 750 13149
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
interface peripherals residing on Port 0 are available during the development and
debugging phase as they are when the application is run in the embedded system
itself.
6.21.1
Embedded ICE
Standard ARM EmbeddedICE® logic provides on-chip debug support. The debugging
of the target system requires a host computer running the debugger software and an
EmbeddedICE protocol convertor. EmbeddedICE protocol convertor converts the
Remote Debug Protocol commands to the JTAG data needed to access the ARM
core.
The ARM core has a Debug Communication Channel function built-in. The debug
communication channel allows a program running on the target to communicate with
the host debugger or another separate host without stopping the program flow or
even entering the debug state. The debug communication channel is accessed as a
co-processor 14 by the program running on the ARM7TDMI-S core. The debug
communication channel allows the JTAG port to be used for sending and receiving
data without affecting the normal program flow. The debug communication channel
data and control registers are mapped in to addresses in the EmbeddedICE logic.
6.21.2
Embedded trace
Since the LPC2212/LPC2214 have significant amounts of on-chip memory, it is not
possible to determine how the processor core is operating simply by observing the
external pins. The Embedded Trace Macrocell™ provides real-time trace capability
for deeply embedded processor cores. It outputs information about processor
execution to the trace port.
The ETM is connected directly to the ARM core and not to the main AMBA system
bus. It compresses the trace information and exports it through a narrow trace port.
An external trace port analyzer must capture the trace information under software
debugger control. Instruction trace (or PC trace) shows the flow of execution of the
processor and provides a list of all the instructions that were executed. Instruction
trace is significantly compressed by only broadcasting branch addresses as well as a
set of status signals that indicate the pipeline status on a cycle by cycle basis. Trace
information generation can be controlled by selecting the trigger resource. Trigger
resources include address comparators, counters and sequencers. Since trace
information is compressed the software debugger requires a static image of the code
being executed. Self-modifying code can not be traced because of this restriction.
6.21.3
RealMonitor
RealMonitor is a configurable software module, developed by ARM Inc., which
enables real time debug. It is a lightweight debug monitor that runs in the background
while users debug their foreground application. It communicates with the host using
the DCC (Debug Communications Channel), which is present in the EmbeddedICE
logic. The LPC2212/LPC2214 contain a specific configuration of RealMonitor
software programmed into the on-chip Flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com