Electronic Components Datasheet Search
  English  ▼

X  

LPC2212 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 24Page - NXP Semiconductors LPC2212 Datasheet HTML 25Page - NXP Semiconductors LPC2212 Datasheet HTML 26Page - NXP Semiconductors LPC2212 Datasheet HTML 27Page - NXP Semiconductors LPC2212 Datasheet HTML 28Page - NXP Semiconductors LPC2212 Datasheet HTML 29Page - NXP Semiconductors LPC2212 Datasheet HTML 30Page - NXP Semiconductors LPC2212 Datasheet HTML 31Page - NXP Semiconductors LPC2212 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Philips Semiconductors
LPC2212/LPC2214
16/32-bit ARM microcontrollers with external memory interface
Product data
Rev. 02 — 23 December 2004
28 of 40
9397 750 13149
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.
Limiting values
[1]
The following applies to the Limiting values:
a) Stresses above those listed under Limiting values may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any conditions other
than those described in Section 8 “Static characteristics” and Section 9 “Dynamic characteristics”
of this specification is not implied.
b) This product includes circuitry specifically designed for the protection of its internal devices from
the damaging effects of excessive static charge. Nonetheless, it is suggested that conventional
precautions be taken to avoid applying greater than the rated maximum.
c) Parameters are valid over operating temperature range unless otherwise specified. All voltages
are with respect to VSS unless otherwise noted.
[2]
Not to exceed 4.6 V.
[3]
Including voltage on outputs in 3-state mode.
[4]
Only valid when the V3 supply voltage is present.
[5]
The peak current is limited to 25 times the corresponding maximum current.
[6]
Dependent on package type.
Table 9:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
V18
Supply voltage, internal rail
−0.5
+2.5
V
V3
Supply voltage, external rail
−0.5
+3.6
V
V3A
Analog 3.3 V pad supply voltage
−0.5
4.6
V
AVIN
Analog input voltage on A/D related
pins
−0.5
5.1
V
Vi
DC input voltage, 5 V tolerant I/O
pins[3][4]
−0.5
6.0
V
Vi
DC input voltage, other I/O pins[2][3]
−0.5
V3 + 0.5 V
I
DC supply current per supply pin[5]
-
100
mA
I
DC ground current per ground pin[5]
-
100
mA
Tstg
Storage temperature[6]
−65
150
°C
P
Power dissipation (based on
package heat transfer, not device
power consumption)
1.5
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com