Electronic Components Datasheet Search
  English  ▼

X  

LT1765 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1765
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765 Datasheet(HTML) 2 Page - Linear Technology

  LT1765 Datasheet HTML 1Page - Linear Technology LT1765 Datasheet HTML 2Page - Linear Technology LT1765 Datasheet HTML 3Page - Linear Technology LT1765 Datasheet HTML 4Page - Linear Technology LT1765 Datasheet HTML 5Page - Linear Technology LT1765 Datasheet HTML 6Page - Linear Technology LT1765 Datasheet HTML 7Page - Linear Technology LT1765 Datasheet HTML 8Page - Linear Technology LT1765 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
2
sn1765 1765fas
Input Voltage .......................................................... 25V
BOOST Pin Above SW ............................................ 20V
Max BOOST Pin Voltage .......................................... 35V
SHDN Pin ............................................................... 25V
FB Pin Current ....................................................... 1mA
ABSOLUTE
AXI U
RATI GS (Note 1)
SYNC Pin Current .................................................. 1mA
Operating Junction Temperature Range
(Note 2) ........................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
S8 PART
MARKING
1765
LT1765ES8
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 90°C/W,
θJC(PIN 4) = 30°C/W
GROUND PIN CONNECTED TO
LARGE COPPER AREA
TOP VIEW
SYNC
VC
FB
SHDN
BOOST
VIN
SW
GND
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
BOOST
VIN
VIN
SW
SW
NC
GND
GND
NC
SYNC
VC
FB
SHDN
NC
GND
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD SOLDERED TO LARGE
COPPER PLANE
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 15V, VC = 0.8V, Boost = VIN + 5V, SHDN, SYNC and switch open unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Switch Current Limit
346
A
Oscillator Frequency
3.3V < VIN < 25V
q
1.1
1.25
1.6
MHz
Switch On Voltage Drop
I = 3A
q
270
430
mV
VIN Undervoltage Lockout
(Note 3)
q
2.47
2.6
2.73
V
VIN Supply Current
q
1
1.3
mA
Shutdown Supply Current
VSHDN = 0V, VIN = 25V, VSW = 0V
15
35
µA
q
55
µA
Feedback Voltage
3V < VIN < 25V, 0.4V < VC < 0.9V
LT1765 (Adj)
1.182
1.2
1.218
V
(Note 3)
q
1.176
1.224
V
LT1765-1.8
q
1.764
1.8
1.836
V
LT1765-2.5
q
2.45
2.5
2.55
V
LT1765-3.3
q
3.234
3.3
3.366
V
LT1765-5
q
4.9
5
5.1
V
ORDER PART
NUMBER
LT1765EFE
LT1765EFE-1.8
LT1765EFE-2.5
LT1765EFE-3.3
LT1765EFE-5
FE PART MARKING
1765EFE
1765EFE18
1765EFE25
1765EFE33
1765EFE-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com