Electronic Components Datasheet Search
  English  ▼

X  

LTC1704B Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1704B
Description  550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1704B Datasheet(HTML) 3 Page - Linear Technology

  LTC1704B Datasheet HTML 1Page - Linear Technology LTC1704B Datasheet HTML 2Page - Linear Technology LTC1704B Datasheet HTML 3Page - Linear Technology LTC1704B Datasheet HTML 4Page - Linear Technology LTC1704B Datasheet HTML 5Page - Linear Technology LTC1704B Datasheet HTML 6Page - Linear Technology LTC1704B Datasheet HTML 7Page - Linear Technology LTC1704B Datasheet HTML 8Page - Linear Technology LTC1704B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC1704/LTC1704B
3
1704bfa
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = PVCC = BOOST = 5V, unless otherwise specified. (Note 3)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1704E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 4: PVCC and BVCC (VBOOST – VSW) must be greater than VGS(ON) of
the external MOSFETs to ensure proper operation.
Note 5: Supply current in normal operation is dominated by the current
needed to charge and discharge the external MOSFET gates. This current
will vary with supply voltage and the external MOSFETs used.
Note 6: Supply current in shutdown is dominated by external MOSFET
leakage and may be significantly higher than the quiescent current drawn
by the LTC1704, especially at elevated temperature.
Note 7: Guaranteed by design, not subject to test.
Note 8: Rise and fall times are measured using 10% and 90% levels. Delay
and nonoverlap times are measured using 50% levels.
Note 9: Dropout voltage is the minimum VCC to VREGDR voltage differential
required to maintain regulation at the specified driver output current.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switcher Switching Characteristics
fOSC
Oscillator Frequency
Test Circuit
q
460
550
650
kHz
DCMAX
Maximum Duty Cycle
q
87
90
93
%
tNOV
Driver Nonoverlap
Test Circuit (Note 8)
q
10
25
120
ns
tr, tf
Driver Rise/Fall Time
Test Circuit (Note 8)
q
15
100
ns
Linear Regulator Controller
VREGFB
Feedback Voltage
Test Circuit, RREGILM = 680k
0.784
0.800
0.816
V
q
0.780
0.800
0.820
V
IREGFB
REGFB Input Current
q
±1
µA
dVREGFB
Feedback Voltage Line Regulation
Test Circuit, VCC = 4.5V to 5.5V
q
±0.05
±0.2
%/V
Feedback Voltage Load Regulation
Test Circuit, IREGDR = 0mA to 30mA
q
–0.2
–0.05
%
IREGDR
Driver Output Current
Test Circuit
q
30
mA
RREGILM = 680k, VREGFB = 0.76V, VREGDR = 3.3V
20
mA
RREGILM = 680k, VREGFB = 0V, VREGDR = 1V
6
mA
VDROPOUT
Driver Dropout Voltage
Test Circuit, IREGDR = 30mA, VREGDR = 3.3V,
q
0.65
1.1
V
dVREGFB = –1% (Note 9)
VREGILM
REGILM Threshold
Test Circuit, RREGILM = 680k
0.8
V
IREGILMINT
REGILM Internal Pull-Up Current
VREGILM = 0V
–1.9
µA
VPGOOD
Negative REGFB Power Good Threshold
q
–15
–10
–6
%
Positive REGFB Power Good Threshold
q
610
15
%
PGOOD
IPGOOD
VPGOOD Sink Current
Power Good
q
10
µA
Power Bad
q
10
mA
VOLPG
VPGOOD Output Low Voltage
IPGOOD = 1mA
q
0.03
0.1
V
tPGOOD
VPGOOD Falling Edge Delay
(Note 8)
q
0.5
1
4
µs
VPGOOD Rising Edge Delay
(Note 8)
q
10
20
40
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com