Electronic Components Datasheet Search
  English  ▼

X  

LTC1704B Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1704B
Description  550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1704B Datasheet(HTML) 5 Page - Linear Technology

  LTC1704B Datasheet HTML 1Page - Linear Technology LTC1704B Datasheet HTML 2Page - Linear Technology LTC1704B Datasheet HTML 3Page - Linear Technology LTC1704B Datasheet HTML 4Page - Linear Technology LTC1704B Datasheet HTML 5Page - Linear Technology LTC1704B Datasheet HTML 6Page - Linear Technology LTC1704B Datasheet HTML 7Page - Linear Technology LTC1704B Datasheet HTML 8Page - Linear Technology LTC1704B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC1704/LTC1704B
5
1704bfa
TYPICAL PERFOR A CE CHARACTERISTICS
VOUTSW vs Load Current
LOAD CURRENT (A)
0
1.0
1.5
16
1704 G09
0.5
0
4
8
12
20
2.0
VIN = 5V
VOUTSW = 1.8V
TA = 25°C
RIMAX = 13.7k
QT = QB = 2xFDS6670A
TEMPERATURE (
°C)
–50
–9.5
–9.0
–8.5
25
75
1704 G10
–10.0
–10.5
–25
0
50
100
125
–11.0
–11.5
VCC = 5V
VCC (V)
3
–11.5
–11.0
–10.5
–10.0
–9.5
–8.5
3.5
4
4.5
5
1704 G11
5.5
6
–9.0
TA = 25°C
IIMAX vs Temperature
IIMAX vs VCC
fOSC vs Temperature
TEMPERATURE (
°C)
–50
460
480
520
540
560
50
640
1704 G12
500
0
–25
75
100
25
125
580
600
620
VCC = 5V
fOSC vs VCC
VCC (V)
3
450
490
530
570
610
650
3.5
4
4.5
5
1704 G13
5.5
6
TA = 25°C
Maximum TG Duty Cycle
vs Temperature
TEMPERATURE (
°C)
–50
91
92
93
25
75
1704 G10
90
89
–25
0
50
100
125
88
87
VCC = 5V
TG, BG FLOAT
Drivers Rise and Fall Time
vs Load
TG, BG LOAD (pF)
0
60
80
100
8000
1704 G15
40
20
50
70
90
30
10
0
2000
4000
6000
10000
TA = 25°C
PVCC = BOOST = 5V
VREGFB vs Temperature
TEMPERATURE (
°C)
–50
0.815
25
LTXXX • TPCXX
0.800
0.790
–25
0
50
0.785
0.780
0.820
0.810
0.805
0.795
75
100
125
VREGDR = 3.3V
VREGFB Line Regulation
VCC (V)
3
–0.4
0
0.4
4.5
5.5
1704 G17
–0.8
–1.2
–1.6
3.5
4
5
0.8
1.2
1.6
–0.05
0
0.05
–0.10
–0.15
–0.20
0.10
0.15
0.20
6
TA = 25°C
VREGDR = 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com