Electronic Components Datasheet Search
  English  ▼

X  

LTC3450 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3450
Description  Triple Output Power Supply for Small TFT-LCD Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3450 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3450 Datasheet HTML 4Page - Linear Technology LTC3450 Datasheet HTML 5Page - Linear Technology LTC3450 Datasheet HTML 6Page - Linear Technology LTC3450 Datasheet HTML 7Page - Linear Technology LTC3450 Datasheet HTML 8Page - Linear Technology LTC3450 Datasheet HTML 9Page - Linear Technology LTC3450 Datasheet HTML 10Page - Linear Technology LTC3450 Datasheet HTML 11Page - Linear Technology LTC3450 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3450
9
3450f
Inductor Selection
Inductors in the range of 47
µH to 100µH with saturation
current (ISAT) ratings of at least 150mA are recommended
for use with the LTC3450. Ferrite core materials are
strongly recommended for their superior high frequency
performance characteristics. A bobbin or toroid type core
will reduce radiated noise. Inductors meeting these re-
quirements are listed in Table 1.
Table 1. Recommended Inductors
PART
L
MAX DCR HEIGHT
NUMBER
(
µH)
(
Ω)
(mm)
VENDOR
CLQ4D10-470
47
1.28
1.2
Sumida
CLQ4D10-101
100
3.15
(847) 956-0666
CMD4D08-470
47
1.6
1.0
www.sumida.com
DO1606-473
47
1.1
2.0
Coilcraft
DO1606-104
100
2.3
(847) 639-6400
DT1608-473
47
0.34
2.92
www.coilcraft.com
DT1608-104
100
1.1
LQH43MN470J03 47
1.5
2.6
Murata
LQH43MN101J03 100
2.5
www.murata.com
DU6629-470M
47
0.64
2.92
Coev Magnetics
DU6629-101M
100
1.27
www.circuitprotection.com
Capacitor Selection
The boost converter requires two capacitors. The input
capacitor should be an X5R type of at least 1
µF. The VOUT
capacitor should also be an X5R type between 2.2
µF and
10
µF. A larger capacitor (10µF) should be used if lower
output ripple is desired or the output load required is close
to the 10mA maximum.
The charge pumps require flying capacitors of at least
0.1
µFtoobtainspecifiedperformance.CeramicX5Rtypes
are strongly recommended for their low ESR and ESL and
capacitance versus bias voltage stability. The filter capaci-
tor on V2X should be at least 0.1
µF. A 0.47µF or larger
capacitor on V2X is recommended if VINV is connected to
V2X. The filter capacitors on V3X and VNEG should be
0.1
µF or larger. Please be certain that the capacitors used
are rated for the maximum voltage with adequate safety
margin. Refer to Table 2 for a listing of capacitor vendors.
Table 2. Capacitor Vendor Information
Supplier
Phone
Website
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
APPLICATIO S I FOR ATIO
Soft-Start
Soft-start operation provides a gradual increase in the
current drawn from the input power source (usually a
battery) during initial startup of the LTC3450, eliminating
the inrush current which is typical in most boost convert-
ers. This reduces stress on the input power source, boost
inductor and output capacitor, reduces voltage sag on the
battery and increases battery life. The rate at which the
input current will increase is set by two external compo-
nents (RSS and CSS) connected to SHDN (refer to Figure
2). Upon initial application of power or release of a pull
down switch on SHDN, the voltage on SHDN will increase
relative to the R • C time constant or RSS • CSS. After one
time constant SHDN will rise to approximately 63.2% of
the voltage on VIN. From 0V to approximately 0.65V on
SHDN, no switching will occur because the shutdown
threshold is 0.65V (typ). From 0.65V to 1V the maximum
switch pin current capability of the LTC3450 will gradually
increase from near zero to the maximum current limit. An
RSS in the range of 1MΩ to 10MΩ is recommended. If
SHDN is driven high with a logic signal, the input current
will gradually increase to its maximum value in approxi-
mately 50
µs.
5 SHDN
3450 F02
CSS
6.8nF
RSS
1M
5%
1ms SOFT-START WITH 3.6V VIN
VIN
Figure 2. Soft-Start Component Configuration
Printed Circuit Board Layout Guidelines
High speed operation of the LTC3450 demands careful
attention to PCB layout. You will not get advertised perfor-
mance with careless layout. Figure 3 shows the recom-
mended component placement for a single layer PCB. A
multilayer board with a separate ground plane is ideal but
not absolutely necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com