Electronic Components Datasheet Search
  English  ▼

X  

LTC3450 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3450
Description  Triple Output Power Supply for Small TFT-LCD Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3450 Datasheet(HTML) 1 Page - Linear Technology

  LTC3450 Datasheet HTML 1Page - Linear Technology LTC3450 Datasheet HTML 2Page - Linear Technology LTC3450 Datasheet HTML 3Page - Linear Technology LTC3450 Datasheet HTML 4Page - Linear Technology LTC3450 Datasheet HTML 5Page - Linear Technology LTC3450 Datasheet HTML 6Page - Linear Technology LTC3450 Datasheet HTML 7Page - Linear Technology LTC3450 Datasheet HTML 8Page - Linear Technology LTC3450 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3450
1
3450f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®3450 is a complete power converter solution for
small thin film transistor (TFT) liquid crystal display (LCD)
panels. The device operates from a single Lithium-Ion cell,
2- to 3-cell alkaline input or any voltage source between
1.5V and 4.6V.
The synchronous boost converter generates a low noise,
high efficiency 5.1V, 10mA supply. Internal charge pumps
are used to generate 10V, 15V, and –5V, –10V or –15V.
Output sequencing is controlled internally to insure proper
initialization of the LCD panel.
A master shutdown input reduces quiescent current to
<2
µA and quickly discharges each output for rapid turn off
of the LCD panel. The LTC3450 is offered in a low profile
(0.8mm max), 3mm
× 3mm 16-pin QFN package, mini-
mizing the solution profile and footprint.
s
Cellular Handsets with Color Display
s
Handheld Instruments
s
PDA
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Generates Three Voltages:
5.1V at 10mA
– 5V, –10, or –15V at 500
µA
10V or 15V at 500
µA
s
Better than 90% Efficiency
s
Low Output Ripple: Less than 5mVP-P
s
Complete 1mm Component Profile Solution
s
Controlled Power-Up Sequence: AVDD/VGL/VGH
s
All Outputs Disconnected and Actively Discharged in
Shutdown
s
Low Noise Fixed Frequency Operation
s
Frequency Reduction Input for High Efficiency in
Blank Mode
s
Ultralow Quiescent Current: 75
µA (Typ) in Scan Mode
s
Available in a 3mm
× 3mm 16-Pin QFN Package
Triple Output Power Supply
for Small TFT-LCD Displays
0.1
µF
2.2
µF
VIN
1.5V TO
4.6V
AVDD
5.1V/10mA
VGH (3
× AVDD)
15V/500
µA
VGL
–10V/500
µA
3450 TA01
0.1
µF
C1+
C1–
0.1
µF
C2+
C2–
11
7
8
10
14
13
V2X
V3X
VINV
VIN
SHDN
MODE
SW
VOUT
VNEG
LTC3450
GND
12
15
16
1
2
3
6
5
OFF ON
BLANK SCAN
47
µH
4
9
2.2
µF
0.47
µF
0.1
µF
0.1
µF
C3– C3+
5.1V, –10V, 15V Triple Output TFT-LCD Supply
AVDD Efficiency vs VIN
VIN (V)
1.5
100
95
90
85
80
75
70
3.0
4.0
3450 TA01b
2.0
2.5
3.5
4.5
5.0
100
µH
47
µH
5mA LOAD


Similar Part No. - LTC3450

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3450 LINER-LTC3450 Datasheet
196Kb / 12P
Triple Output Power Supply for Small TFT-LCD Displays
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
Triple Output Power Supply for Small TFT-LCD Displays
More results

Similar Description - LTC3450

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1889 MAXIM-MAX1889 Datasheet
796Kb / 32P
Triple-Output TFT LCD Power Supply with Fault Protection
logo
NEC
UPD161660 NEC-UPD161660 Datasheet
94Kb / 15P
POWER SUPPLY FOR TFT-LCD DRIVER
UPD161661 NEC-UPD161661 Datasheet
441Kb / 15P
POWER SUPPLY FOR TFT-LCD DRIVER
logo
Advanced Analogic Techn...
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
TRIPLE OUTPUT TFT LCD PWM CONTROLLER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
Triple-Output LCD Power Supply
logo
Intersil Corporation
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
Triple Output Power Supply for TFT-LCD
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
Triple Output Power Supply for Small TFT-LCD Displays
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com