Electronic Components Datasheet Search
  English  ▼

X  

LTC3450 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3450
Description  Triple Output Power Supply for Small TFT-LCD Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3450 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3450 Datasheet HTML 2Page - Linear Technology LTC3450 Datasheet HTML 3Page - Linear Technology LTC3450 Datasheet HTML 4Page - Linear Technology LTC3450 Datasheet HTML 5Page - Linear Technology LTC3450 Datasheet HTML 6Page - Linear Technology LTC3450 Datasheet HTML 7Page - Linear Technology LTC3450 Datasheet HTML 8Page - Linear Technology LTC3450 Datasheet HTML 9Page - Linear Technology LTC3450 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3450
6
3450f
PI FU CTIO S
C3+ (Pin 1): Charge Pump Inverter Flying Capacitor Posi-
tive Node. The charge pump inverter flying capacitor is
connected between C3+ and C3–. The voltage on C3+ will
alternate between GND and VINV at an approximate 50%
duty cycle while the inverting charge pump is operating.
Use a 10nF or larger X5R type ceramic capacitor for best
results.
C3– (Pin 2): Charge Pump Inverter Flying Capacitor Nega-
tive Node. The charge pump inverter flying capacitor is
connected between C3+ and C3–. The voltage on C3– will
alternate between GND and VNEG at an approximate 50%
duty cycle while the inverting charge pump is operating.
Use a 10nF or larger X5R type ceramic capacitor for best
results.
VNEG (Pin 3): Charge Pump Inverter Output. VNEG can be
either – 5V or –10V depending on where VINV is con-
nected. VNEG should be bypassed to GND with at 0.1µF or
larger X5R type ceramic capacitor. VNEG can also be
configured for –15V with two external low current Schottky
diodes (see Applications section).
MODE (Pin 4): Drive MODE high to force the LTC3450 into
high power (scan) mode. Drive MODE low to force the
LTC3450 into low power (blank) mode. The output volt-
ages remain active with the MODE pin driven low but with
reduced output current capability. MODE must be pulled
up to VIN or higher on initial application of power in order
for proper initialization to occur.
SHDN (Pin 5): Master Shutdown Input for the LTC3450.
Driving SHDN low disables all IC functions and reduces
quiescent current from the battery to less than 2
µA. Each
generated output voltage is actively discharged to GND in
shutdown through internal pull down devices. An optional
RC network on SHDN provides a slower ramp up of the
boost converter inductor current during startup (soft-start).
VIN (Pin 6): Input Supply to the LTC3450. Connect VIN to
a voltage source between 1.5V and 4.6V. Bypass VIN to
GND with a 2.2
µF X5R ceramic capacitor.
VOUT (Pin 7): Main 5.1V Output of the Boost Regulator and
Input to the Voltage Doubler Stage. Bypass VOUT with a low
ESR, ESL ceramic capacitor (X5R type) between 2.2
µFand
10
µF.
SW (Pin 8): Switch Pin. Connect the inductor between SW
and VIN. Keep PCB trace lengths as short and wide as
possible to reduce EMI and voltage overshoot. If the
inductor current falls to zero, the internal P-channel
MOSFET synchronous rectifier is turned off to prevent
reverse charging of the inductor and an internal switch
connects SW to VIN to reduce EMI.
GND (Pin 9): Signal and Power Ground for the LTC3450.
Provide a short direct PCB path between GND and the
(–) side of the output filter capacitor(s) on VOUT, V2X, V3X
and VNEG.
C1– (Pin 10): Charge Pump Doubler Flying Capacitor
Negative Node. The charge pump doubler flying capacitor
is connected between C1+ and C1–. The voltage on C1– will
alternate between GND and VOUT at an approximate 50%
duty cycle while the charge pump is operating. Use a 10nF
or larger X5R type ceramic capacitor for best results.
C1+ (Pin 11): Charge Pump Doubler Flying Capacitor
Positive Node. The charge pump doubler flying capacitor
is connected between C1+ and C1–. The voltage on C1+ will
alternate between VOUT and V2X at an approximate 50%
duty cycle while the charge pump is operating. Use a 10nF
or larger X5R type ceramic capacitor for best results.
V2X (Pin 12): Charge Pump Doubler Output. This output
is 10.2V (nom) at no load and is capable of delivering up
to 500
µA to a load. V2X should be bypassed to GND with
a 0.47
µF X5R type ceramic capacitor.
C2– (Pin 13): Charge Pump Tripler Flying Capacitor Nega-
tive Node. The charge pump tripler flying capacitor is
connected between C2+ and C2–. The voltage on C2– will
alternate between GND and VOUT at an approximate 50%
duty cycle while the charge pump is operating. Use a 10nF
or larger X5R type ceramic capacitor for best results.
C2+ (Pin 14): Charge Pump Tripler Flying Capacitor Posi-
tive Node. The charge pump tripler flying capacitor is
connected between C2+ and C2–. The voltage on C2+ will
alternate between V2X and V3X at an approximate 50%
duty cycle while the charge pump is operating. Use a 10nF
or larger X5R type ceramic capacitor for best results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com