Electronic Components Datasheet Search
  English  ▼

X  

MIC2186 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2186
Description  Low Voltage PWM Control IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2186 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2186 Datasheet HTML 4Page - Micrel Semiconductor MIC2186 Datasheet HTML 5Page - Micrel Semiconductor MIC2186 Datasheet HTML 6Page - Micrel Semiconductor MIC2186 Datasheet HTML 7Page - Micrel Semiconductor MIC2186 Datasheet HTML 8Page - Micrel Semiconductor MIC2186 Datasheet HTML 9Page - Micrel Semiconductor MIC2186 Datasheet HTML 10Page - Micrel Semiconductor MIC2186 Datasheet HTML 11Page - Micrel Semiconductor MIC2186 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MIC2186
Micrel
MIC2186
8
July 2002
Control Loop
PWM and SKIP modes of operation
The MIC2186 can operate in either PWM (pulse width modu-
lated) or SKIP mode. The efficiency of the boost converter
can be improved at lower output loads by manually selecting
the skip mode of operation. The potential disadvantage of
skip mode is the variable switching frequency that accompa-
nies this mode of operation. The occurrence of switching
pulses depends on component values as well as line and load
conditions. PWM mode is the best choice of operation at
higher output loads. PWM mode has the advantages of lower
output ripple voltage and higher efficiencies at higher output
loads. Pulling the SKIP pin (pin 3) low will force the controller
to operate in PWM mode for all load conditions. Pulling the
SKIP pin high will force the controller to operate in SKIP
mode.
The description of the MIC2186 controller is broken
down into 6 basic functions.
• Control Loop
• PWM Operation
• SKIP Mode Operation
• Current Limit
• MOSFET gate drive
• Reference, enable & UVLO
• Oscillator & Sync
• Soft start
Osc
PGND
D1
Q1
L1
VIN
Control
Bias
VREF
VDD
SGND
Skip Current
Limit Comparator
Hysteresis
Comparator
±1%
Current
Reset
On
P
GND
12
CSH
9
OutN
14
V
INP
V
INA
16
1
V
fb
5
S
GND
6
V
DD
10
V
REF
8
COMP
4
Soft Start
3
HiDC
13
Sync
11
Freq/2
15
SKIP
2
EN/UVLO
7
50mV
VDD
VREF
1.245V
R2
R1
RSENSE
COUT
VOUT
PGND
VREF
CDECOUP
CIN
VDD
Figure 2. MIC2186 SKIP Mode Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com