Electronic Components Datasheet Search
  English  ▼

X  

MIC2186 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2186
Description  Low Voltage PWM Control IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2186 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2186 Datasheet HTML 1Page - Micrel Semiconductor MIC2186 Datasheet HTML 2Page - Micrel Semiconductor MIC2186 Datasheet HTML 3Page - Micrel Semiconductor MIC2186 Datasheet HTML 4Page - Micrel Semiconductor MIC2186 Datasheet HTML 5Page - Micrel Semiconductor MIC2186 Datasheet HTML 6Page - Micrel Semiconductor MIC2186 Datasheet HTML 7Page - Micrel Semiconductor MIC2186 Datasheet HTML 8Page - Micrel Semiconductor MIC2186 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2002
1
MIC2186
MIC2186
Micrel
MIC2186
Low Voltage PWM Control IC
Final Information
General Description
Micrel’s MIC2186 is a high efficiency boost PWM control IC.
With its wide input voltage range of 2.9V to 14V, the MIC2186
can be used to efficiently boost voltages in 1- or 2-cell Li Ion
battery powered applications, as well as to boost voltages in
fixed 3.3V, 5V, or 12V systems. Its powerful 1.6
Ω output
driver allows the MIC2186 to supply large output currents with
the selection of proper external MOSFETs.
The MIC2186 can be configured to operate at 100kHz,
200kHz, or 400kHz. With it’s fixed frequency PWM architec-
ture, and easily synchronized drive, the MIC2186 is ideal for
noise-sensitive telecommunications applications.
MIC2186 also features a low current shutdown mode of
0.5
µA and programmable undervoltage lockout. A manually
selectable SKIP Mode allows high efficiencies in light load
situations.
The MIC2186 is available in 16 pin SOIC and QSOP package
options with an operating range from –40
°C to 125°C.
Typical Application
VINA
Si4404DY
(x2)
4.5m
Ω
2.2
µH
MBR2535CT
CIN
120
µF
20V
COUT
150
µF(x2)
20V
EN/UVLO
HIDC
FREQ/2
VDD
COMP
VREF
SKIP
SYNC
SS
MIC2186
SGND
VINP
FB
VOUT = 12V
OUTN
CSH
VIN = 3.3V
PGND
3
12
9
14
6
16
7
5
11
2
8
4
10
15
13
1
60
65
70
75
80
85
90
95
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
12V Output Efficiency
V
IN = 3.3V
Adjustable Output Boost Converter
Features
• Input voltage range: 2.9V to 14V
• 1.6
Ω output driver
• Oscillator frequency of 100kHz/200kHz/400kHz
• Frequency sync to 600kHz
• Front edge blanking
• PWM Current Mode Control
• Selectable light load SKIP mode
• 600
µA quiescent current (SKIP-Mode)
• 0.5
µA shutdown current
• Cycle-by-Cycle current limiting
• Frequency foldback protection
• Adjustable under-voltage lockout
• Precision 1.245V reference output
• 16 pin SOIC and QSOP package options
• Selectable 50% maximum duty cycle for flyback applica-
tions
Applications
• DC power distribution systems
• Wireless Modems
• ADSL line cards
• SLIC power supplies
• 1-and 2-cell Li Ion battery operated equipment
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Frequency
Voltage
Ambient Temp. Range
Package
MIC2186BM
100kHz/200kHz/400kHz
Adj
–40
°C to +125°C
16-lead SOP
MIC2186BQS
100kHz/200kHz/400kHz
Adj
–40
°C to +125°C
16-lead QSOP


Similar Part No. - MIC2186

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186 Datasheet
189Kb / 15P
Low Voltage PWM Control IC
MIC2186BM MICREL-MIC2186BM Datasheet
189Kb / 15P
Low Voltage PWM Control IC
MIC2186BQS MICREL-MIC2186BQS Datasheet
189Kb / 15P
Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
Low Voltage PWM Control IC
More results

Similar Description - MIC2186

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2184 MICREL-MIC2184 Datasheet
75Kb / 12P
Low Voltage Buck PWM Control IC Final Information
MIC2185 MICREL-MIC2185 Datasheet
141Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
Low Voltage PWM Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
logo
Rohm
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com