Electronic Components Datasheet Search
  English  ▼

X  

E48SC Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SC
Description  Industry standard pin out
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SC Datasheet HTML 1Page - Delta Electronics, Inc. E48SC Datasheet HTML 2Page - Delta Electronics, Inc. E48SC Datasheet HTML 3Page - Delta Electronics, Inc. E48SC Datasheet HTML 4Page - Delta Electronics, Inc. E48SC Datasheet HTML 5Page - Delta Electronics, Inc. E48SC Datasheet HTML 6Page - Delta Electronics, Inc. E48SC Datasheet HTML 7Page - Delta Electronics, Inc. E48SC Datasheet HTML 8Page - Delta Electronics, Inc. E48SC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
DS_E48SC3R325_06152011
FEATURES
High efficiency: 91.0% @ 3.3V/25A
Size: 58.4mmx22.8mmx10.0mm
(2.30”x0.90”x0.39”)
Standard footprint
Industry standard pin out
Fixed frequency operation: 350KHz
Input UVLO, Output OCP, OVP, OTP
1500V isolation
Basic insulation
No minimum load required
2:1 Input voltage range
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
Recognized, and TUV (EN60950-1)
Certified
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
SMT or through-hole versions
Positive on/off logic
Short pin lengths
Delphi Series E48SC, 82.5W Eighth Brick Family
DC/DC Power Modules: 48V in, 3.3Vout, 25A
The Delphi Series E48SC Eighth Brick, 48V input, single output, isolated
DC/DC converter is the latest offering from a world leader in power
systems technology and manufacturing – Delta Electronics, Inc. This
product family provides up to 82.5 watts of power in an industry standard
footprint. With creative design technology and optimization of component
placement, these converters possess outstanding electrical and thermal
performances, as well as extremely high reliability under highly stressful
operating conditions. All models are fully protected from abnormal
input/output voltage, current, and temperature conditions. The Delphi
Series converters meet all safety requirements with basic insulation.


Similar Part No. - E48SC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
Standard footprint
E48SC05012NMFA DELTA-E48SC05012NMFA Datasheet
760Kb / 15P
Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
539Kb / 15P
Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
760Kb / 15P
Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
471Kb / 15P
Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
More results

Similar Description - E48SC

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
Industry standard pin-out configuration
logo
Delta Electronics, Inc.
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
Industry standard pin out
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
Industry standard pin out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com