Electronic Components Datasheet Search
  English  ▼

X  

E48SC Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # E48SC
Description  Industry standard pin out
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  E48SC Datasheet HTML 1Page - Delta Electronics, Inc. E48SC Datasheet HTML 2Page - Delta Electronics, Inc. E48SC Datasheet HTML 3Page - Delta Electronics, Inc. E48SC Datasheet HTML 4Page - Delta Electronics, Inc. E48SC Datasheet HTML 5Page - Delta Electronics, Inc. E48SC Datasheet HTML 6Page - Delta Electronics, Inc. E48SC Datasheet HTML 7Page - Delta Electronics, Inc. E48SC Datasheet HTML 8Page - Delta Electronics, Inc. E48SC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS_E48SC3R325_06152011
3
ELECTRICAL CHARACTERISTICS CURVES
igure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Typical full load input characteristics at room
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com