Electronic Components Datasheet Search
  English  ▼

X  

E48SC Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # E48SC
Description  Industry standard pin out
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  E48SC Datasheet HTML 1Page - Delta Electronics, Inc. E48SC Datasheet HTML 2Page - Delta Electronics, Inc. E48SC Datasheet HTML 3Page - Delta Electronics, Inc. E48SC Datasheet HTML 4Page - Delta Electronics, Inc. E48SC Datasheet HTML 5Page - Delta Electronics, Inc. E48SC Datasheet HTML 6Page - Delta Electronics, Inc. E48SC Datasheet HTML 7Page - Delta Electronics, Inc. E48SC Datasheet HTML 8Page - Delta Electronics, Inc. E48SC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS_E48SC3R325_06152011
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (75%-50%-75% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF, tantalum capacitor and 1µF ceramic capacitor. Top Trace:
Vout (100mV/div, 200us/div), Bottom Trace: I out (5A/div).
Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between 51
mm to 76 mm (2 inches to 3 inches) from the module..
Figure 9: Output voltage response to step-change in load
current (75%-50%-75% of Io, max; di/dt = 2.5A/µs). Load cap:
330µF, 35m
Ω ESR solid electrolytic capacitor and 1µF ceramic
capacitor. Top Trace: Vout (100mV/div, 200us/div), Bottom
Trace: I out (5A/div). Scope measurement should be made
using a BNC cable (length shorter than 20 inches). Position the
load between 51 mm to 76 mm (2 inches to 3 inches) from the
module.
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset
possible battery impedance. Measure current as shown above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com