Electronic Components Datasheet Search
  English  ▼

X  

PI6C106 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C106
Description  Pentium/Pro System Clock Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C106 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C106 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8546A
07/13/01
GND2
PCICLK_E
X2
PCICLK0
PCICLK1
PCICLK_F
PCICLK2
PCICLK3
PCICLK4/
SEL100/66.6#
VDD3
48MHz
REF0
IOAPIC
VDDLA
CPUCLK1
CPUCLK2
VDDLC
GND
PCI_STOP#
CPU_STOP#
PD#
SPREAD#
GND3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND1
X1
VDD2
CPUCLK0
VDD1
PinConfiguration
BlockDiagram
Description
The PI6C106 is part of a reduced pin count two-chip clock solution
for designs using an Intel BX style chipset. Companion SDRAM
buffersarePI6C182&PI6C184.
There are two PLLs, with the first PLL capable of spread spectum
operation. CPU frequencies up to 100 MHz are supported.
Features
• Three CPUs @2.5V, up to 100 MHz
• Seven PCIs @ 3.3V (including one free running, 1 early)
• One48MHz@3.3Vfixed
• OneREF(3.3V,14.318MHz)
• OneIOAPIC(2.5V,14.318MHz)
• Strong REF clock (1V/ns @50pF load)
• Excellent power management features including
Power Down, PCI, and CPU stops
• Spread Spectrum for EMI control (0.5% down spread)
• EarlyPCI(2.5ns±700ps)
• EnhancedPCICLK4(1.5X)
• 28-pinSSOPPackaging(H)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pentium/ProTM System Clock Chip
PI6C106
28-Pin
H
FrequencyTable
#
6
.
6
6
/
0
0
1
L
E
Sz
H
M
U
P
Cz
H
M
I
C
P
10
0
13
.
3
3
06
.
6
63
.
3
3
IOAPIC
REF0
VDDLA
X1
X2
CPU_STOP#
SPREAD#
OSC
PD#
SEL 100/66.6#
PCI_STOP#
CPUCLK(0:2)
VDDLC
PCICLK_E
PCICLK_F
48MHz
PCICLK(0:4)
CPU
STOP
BUS
STOP#
PLL
Spread
Spectrum
÷2
PLL2
÷3


Similar Part No. - PI6C106

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
More results

Similar Description - PI6C106

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
Pentium/ProTM System Clock Chip
Rev B 07/08/98
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
Pentium/ProTM System Clock Chip
Rev C 03/28/98
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
Pentium/ProTM System Clock Chip
Rev D 08/04/98
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
Pentium/Pro/IITM System Clock Chip
Rev B 12/04/98
ICS9148-25 ICST-ICS9148-25 Datasheet
408Kb / 13P
Pentium/Pro System and Cyrix Clock Chip
Rev B 5/20/99
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9248-55 RENESAS-ICS9248-55 Datasheet
275Kb / 10P
Pentium/Pro/IITM System Clock Chip
12/04/98
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
Pentium/ProTM System Clock Chip
2019
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com