Electronic Components Datasheet Search
  English  ▼

X  

PI6C106 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C106
Description  Pentium/Pro System Clock Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C106 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C106 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C106 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PI6C106
Pentium/ProTM System Clock Chip
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
2
PS8546A
07/13/01
PinDescriptions
Note:
Inactive means outputs are held LOW and are disabled from switching
r
e
b
m
u
N
n
i
Pe
m
a
N
n
i
Pe
p
y
Tn
o
it
p
i
r
c
s
e
D
11
D
N
GR
W
P.
2
X
,
1
X
,t
u
p
t
u
o
F
E
R
r
o
f
d
n
u
o
r
G
21
XN
I
k
c
a
b
d
e
e
f
d
n
a
p
a
c
d
a
o
l
F
p
3
3
l
a
n
r
e
t
n
i
s
a
h
,t
u
p
n
i
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
N
I
_
L
A
T
X
.
2
X
m
o
rf
r
o
t
si
s
e
r
32
XT
U
OF
p
3
3
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,t
u
t
u
o
l
a
t
s
y
r
C
T
U
O
_
L
A
T
X
42
D
N
GR
W
Pst
u
p
t
u
o
I
C
P
r
o
f
d
n
u
o
r
G
5E
_
K
L
C
I
C
PT
U
O
y
b
d
e
t
c
e
ff
a
t
o
N
.s
p
0
5
2
±
s
n
2
y
b
)
F
_
,
4
:
0
(
K
L
C
I
C
P
s
d
a
e
L
.
K
L
C
I
C
P
y
lr
a
E
.
#
P
O
T
S
_
I
C
P
6F
_
K
L
C
I
C
PT
U
O.
#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
ff
a
t
o
N
.t
u
p
t
u
o
I
C
P
g
n
i
n
n
u
R
e
e
r
F
1
1
,
0
1
,
8
,
7)
3
:
0
(
K
L
C
I
C
PT
U
O.
V
3
.
3
el
b
it
a
p
m
o
c
L
T
T
.s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
92
D
D
VR
W
P.
V
3
.
3
y
ll
a
n
i
m
o
n
,s
t
u
p
t
u
o
K
L
C
I
C
P
r
o
f
r
e
w
o
P
2
1
4
_
K
L
C
I
C
PT
U
O)
X
5
.
1
(
.
V
3
.
3
el
b
it
a
p
m
o
c
L
T
T
.t
u
p
t
u
o
k
c
o
l
c
I
C
P
#
6
.
6
6
/
0
0
1
L
E
SN
I
.z
H
M
6
.
6
6
r
o
z
H
M
0
0
1
g
n
il
b
a
n
e
r
o
f
n
i
p
t
c
el
e
S
.)
z
H
M
3
.
3
3
s
u
o
n
o
r
h
c
n
y
s
s
y
a
w
l
a
I
C
P
(
z
H
M
6
.
6
6
=
L
,z
H
M
0
0
1
=
H
3
13
D
D
VR
W
P.z
H
M
8
4
r
o
f
r
e
w
o
P
4
1z
H
M
8
4T
U
O.z
H
M
8
4
@
t
u
p
t
u
o
K
L
C
d
e
x
i
F
5
13
D
N
GR
W
P.z
H
M
8
4
r
o
f
d
n
u
o
r
G
6
1#
D
A
E
R
P
SN
I.
1
.
0
d
a
e
r
p
s
n
w
o
d
%
5
.
0
.
e
v
it
c
a
n
e
h
w
m
u
rt
c
e
p
S
d
a
e
r
p
S
n
o
s
n
r
u
T
7
1#
D
PN
I.f
f
o
d
e
n
r
u
t
e
r
a
t
u
p
t
u
o
ll
a
,s
L
L
P
l
a
n
r
e
t
n
I
.
p
i
h
c
n
w
o
d
s
r
e
w
o
P
8
1#
P
O
T
S
_
U
P
CN
I.
w
o
l
si
t
u
p
n
i
n
e
h
w
l
e
v
el
"
0
"
ci
g
o
l
t
a
)
0
:
2
(
K
L
C
U
P
C
st
l
a
H
9
1#
P
O
T
S
_
I
C
PN
I
E
_
K
L
C
I
C
P
t
c
e
ff
a
t
o
n
s
e
o
D
.
w
o
l
si
t
u
p
n
i
n
e
h
w
l
e
v
el
"
0
"
ci
g
o
l
t
a
)
4
:
0
(
K
L
C
U
P
C
st
l
a
H
F
_
K
L
C
I
C
P
d
n
a
0
2D
N
GR
W
P.
e
r
o
c
L
L
P
r
o
f
d
n
u
o
r
G
1
2C
L
D
D
VR
W
PV
5
.
2
y
ll
a
n
i
m
o
n
,s
t
u
p
t
u
o
U
P
C
r
o
f
r
e
w
o
P
4
2
,
3
2
,
2
2)
0
:
2
(
K
L
C
U
P
CT
U
OV
5
.
2
y
ll
a
n
i
m
o
n
st
u
p
t
u
o
k
c
o
l
c
t
s
o
H
d
n
a
U
P
C
5
2A
L
D
D
VR
W
P.
C
I
P
A
O
I
r
o
f
r
e
w
o
P
6
2C
I
P
A
O
IT
U
O.z
H
M
8
1
3
.
4
1
t
u
p
t
u
o
k
c
o
l
c
C
I
P
A
O
I
7
21
D
D
VR
W
P.s
t
u
p
t
u
o
F
E
R
r
o
f
r
e
w
o
P
8
20
F
E
RT
U
O.t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
1
3
.
4
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com