Electronic Components Datasheet Search
  English  ▼

X  

AET Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AET
Description  1500 Vdc I/O isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AET Datasheet(HTML) 1 Page - Artesyn Technologies

  AET Datasheet HTML 1Page - Artesyn Technologies AET Datasheet HTML 2Page - Artesyn Technologies AET Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AET Series
20 Watts
Total Power: 20 Watts
Input Voltage: 12, 24 or 48 V
# of Outputs: Single, Dual
SPECIAL FEATURES
ƒ
Encapsulated
ƒ
4:1 input range
ƒ
1.6” x 2” package
ƒ
1500 Vdc I/O isolation
ƒ
Single and Dual output
ƒ
Remote on/off
ƒ
Adjustable output
ƒ
Conducted noise: meets EN 55022
class A, FCC level A
SAFETY
ƒ
CE Mark
Electrical Specifications
Input
Input range
9 - 36 VDC; 18 - 75 VDC
Efficiency
85% @ 12 Vo
Output
Voltage tolerance
< 1.6%
Line regulation
+0.5%
Load regulation
Single output: +0.5%; Dual output: +2.0%
Noise/ripple
All models: 100 mV
Short circuit protection
Auto-restart
Overvoltage protection
115 - 130% nominal output
Switching frequency
300 KHz
Temperature co-efficient
+0.02% / °C
Isolation
I/O isolation
1500 VDC min
Insulation resistance
10 Mohm
Insulation capacitance
1000 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +71 °C
Storage temperature
-55 °C to +105 °C
Humidity
5% to 95% non-condensing
MTBF
850 Khrs calculated


Similar Part No. - AET

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AET MSYSTEM-AET Datasheet
162Kb / 5P
Limit Alarms (with DC output) AE-UNIT
logo
Advanced Energy Industr...
AET ADVANCEDENERGY-AET Datasheet
322Kb / 4P
20 Watts
logo
Artesyn Technologies
AET00BB18-L ARTESYN-AET00BB18-L Datasheet
473Kb / 3P
Total Power: 20 Watts
AET00BB36-L ARTESYN-AET00BB36-L Datasheet
473Kb / 3P
Total Power: 20 Watts
AET00CC18-L ARTESYN-AET00CC18-L Datasheet
473Kb / 3P
Total Power: 20 Watts
More results

Similar Description - AET

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66170 MICROPAC-66170 Datasheet
64Kb / 2P
1500 Vdc isolation test voltage
logo
AIMTEC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
Input / Output Isolation 1500 or 3000 VDC
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
1500 VDC Isolation, 3000 VDC Option
logo
Texas Instruments
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
1500 VDC Isolation
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
1500 VDC Isolation
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_16 Datasheet
205Kb / 5P
1500 and 3000VDC I/O Isolation
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
1500 Vdc I/O isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com