Electronic Components Datasheet Search
  English  ▼

X  

AET Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AET
Description  1500 Vdc I/O isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AET Datasheet(HTML) 2 Page - Artesyn Technologies

  AET Datasheet HTML 1Page - Artesyn Technologies AET Datasheet HTML 2Page - Artesyn Technologies AET Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AET 20 W Series Data Sheet
Ordering Information
Model Number
Input Voltage
Output Voltage 1
Output Voltage 2
Maximum Power
AET06G18-L
9 - 36 V
2.5 V @ 6 A
15 W
AET06F18-L
9 - 36 V
3.3 V @ 6 A
19.8 W
AET04A18-L
9 - 36 V
5 V @ 4 A
20 W
AET01B18-L
9 - 36 V
12 V @ 1.67 A
20 W
AET01C18-L
9 - 36 V
15 V @ 1.33 A
20 W
AET02AA18-L
9 - 36 V
5 V @ 2 A
-5 V @ 2 A
20 W
AET00BB18-L
9 - 36 V
12 V @ 0.835 A
-12 V @ 0.835 A
20 W
AET00CC18-L
9 - 36 V
15 V @ 0.665 A
-15 V @ 0.665 A
20 W
AET06G36-L
18 - 75 V
2.5 V @ 6 A
15 W
AET06F36-L
18 - 75 V
3.3 V @ 6 A
19.8 W
AET04A36-L
18 - 75 V
5 V @ 4 A
20 W
AET01B36-L
18 - 75 V
12 V @ 1.67 A
20 W
AET01C36-L
18 - 75 V
15 V @ 1.33 A
20 W
AET02AA36-L
18 - 75 V
5 V @ 2 A
-5 V @ 2 A
20 W
AET00BB36-L
18 - 75 V
12 V @ 0.835 A
-12 V @ 0.835 A
20 W
AET00CC36-L
18 - 75 V
15 V @ 0.665 A
-15 V @ 0.665 A
20 W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com