Electronic Components Datasheet Search
  English  ▼

X  

AET Datasheet(PDF) 3 Page - Artesyn Technologies

Part # AET
Description  1500 Vdc I/O isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AET Datasheet(HTML) 3 Page - Artesyn Technologies

  AET Datasheet HTML 1Page - Artesyn Technologies AET Datasheet HTML 2Page - Artesyn Technologies AET Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AET 20 W Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2015 Artesyn Embedded Technologies, Inc.
www.artesyn.com
AET 20W Series DS 18May2015
Mechanical Drawing - Single Output
12.19
(0.48)
5.08
(0.20)
45.72
(1.80)
50.80
(2.00)
OUT=5Vdc/4A
IN=9-36Vdc
AET04A18-L
Top View
Date Code
Enable
-Vin
+Vin
2.54
(0. 10)
15.23
(0.60)
5.08
(0. 20)
Bottom View
7.63
(0.30)
40.64
(1.60)
Trim
-Vout
+Vout
2.54
(0. 10)
10.16
(0.40)
5.08
(0. 20)
10.16
(0.40)
Label
RoHS
Pb
15.24
(0. 60)
Trim
-Vout
+Vout
Enable
-Vin
+Vin
Units: mm (inch)
Tolerance: xx ± 0.50
(± 0.02)
(0.04)
Ø1.0
50.80
(2.00)
45.72
(1.80)
7.63
(0.30)
Enable
+Vin
Date Code
Top View
-Vin
Pb
RoHS
AET02AA18-L
IN=9-36Vdc
OUT=±5Vdc/ ±2A
5.0 8
(0. 20)
15.23
(0.60)
Bottom View
2.5 4
(0. 10)
Label
5.08
(0.20)
40.64
(1.60)
Trim
+Vout
-Vout
COM
10.16
(0. 40)
5.0 8
(0. 20)
2.5 4
(0. 10)
10.1 6
(0. 40)
5.0 8
(0. 20)
10.1 6
(0. 40)
12.19
(0.48)
Enable
-Vin
+Vin
Trim
-Vout
+Vout
COM
Units: mm (inch)
Tolerance: xx ± 0.50
(±0.02)
(0.04)
Ø1.0
Mechanical Drawing - Dual Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com