Electronic Components Datasheet Search
  English  ▼

X  

P4802ACMC Datasheet(PDF) 173 Page - Teccor Electronics

Part # P4802ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC Datasheet(HTML) 173 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 169Page - Teccor Electronics P4802ACMC Datasheet HTML 170Page - Teccor Electronics P4802ACMC Datasheet HTML 171Page - Teccor Electronics P4802ACMC Datasheet HTML 172Page - Teccor Electronics P4802ACMC Datasheet HTML 173Page - Teccor Electronics P4802ACMC Datasheet HTML 174Page - Teccor Electronics P4802ACMC Datasheet HTML 175Page - Teccor Electronics P4802ACMC Datasheet HTML 176Page - Teccor Electronics P4802ACMC Datasheet HTML 177Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 212 page
background image
Overvoltage Protection Comparison
© 2002 Teccor Electronics
5 - 11
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
transient to follow. Once the transient drops below the DC holdover voltage and current, the
gas tube returns to its off state.
Advantages
Gas tubes have high surge current and low capacitance ratings. Current ratings can be as
high as 500 A for 200 impulses, and capacitance ratings can be as low as 1 pF with a zero-
volt bias.
Restrictions
Gas tubes have a limited shelf life and their performance degrades with usage. Out of the
four devices discussed, gas tubes exhibit the slowest response time and highest peak
voltage measurement. (Figure 5.3)
Applications
Because gas tubes are large and require a substantial amount of time to reach full
conduction, they are rarely used as board-level components. Consequently, gas tubes are
not normally used in telecommunications applications other than station protection
modules.
Metal Oxide Varistors
Metal Oxide Varistors (MOVs) are two-leaded, through-hole components typically shaped in
the form of discs. Manufactured from sintered oxides and schematically equivalent to two
back-to-back PN junctions, MOVs shunt transients by decreasing their resistance as
voltage is applied.
Advantages
Since MOVs surge capabilities are determined by their physical dimensions, high surge
current ratings are available. Also, because MOVs are clamping devices, they can be used
as transient protectors in secondary AC power line applications.
Restrictions
Like gas tubes, MOVs have slow response times resulting in peak clamping voltages which
can be greater than twice the device’s voltage rating. (Figure 5.3) MOVs also have long-
term reliability and performance issues due to their tendency to fatigue, high capacitance,
and limited packaging options.
Applications
Although MOVs are restricted from use in many telecom applications (other than disposable
equipment), they are useful in AC applications where a clamping device is required and
tight voltage tolerances are not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com