| Electronic Components Datasheet Search |
|
P4802ACMC Datasheet(PDF) 177 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
P4802ACMC Datasheet(HTML) 177 Page - Teccor Electronics |
|
177 / 212 page ![]() Overcurrent Protection © 2002 Teccor Electronics 5 - 15 http://www.teccor.com SIDACtor® Data Book and Design Guide +1 972-580-7777 Advantages include: • Elimination of series line resistance enabling longer loop lengths • Precise longitudinal balance allowing better transmission quality • Robust surge performance which eliminates costly down time due to nuisance blows • Greater surge ratings than resettable devices, ensuring regulatory compliance • Non-degenerative performance • Available in surface mount packaging which uses less Printed Circuit Board (PCB) real estate, eliminates mixed technologies, and reduces manufacturing costs Weaknesses Because a fuse does not reset, consideration should be given to its use in applications where multiple fault occurrences are likely. For example, AC strip protectors and ground fault interrupting circuits (GFIC) are applications in which an alternative solution might be more prudent. Applications Telecommunications equipment best suited for a fuse is equipment that requires surface mount technology, accurate longitudinal balance, and regulatory compliance without the use of additional series line impedance. Selection Criteria For circuits that do not require additional series resistance, the surge current rating (IPP) of the TeleLink SM fuse should be greater than or equal to the surge currents associated with the lightning immunity tests of the applicable regulatory requirement (IPK). IPP ³ IPK For circuits that use additional series resistance, the surge current rating (IPP) of the TeleLink SM fuse should be greater than or equal to the available surge currents associated with the lightning immunity tests of the applicable regulatory requirement (IPK (available)). IPP ³ IPK (available) The maximum available surge current is calculated by dividing the peak surge voltage (VPK) by the total circuit resistance (RTOTAL). IPP ³ IPK (available) = VPK/RTOTAL For longitudinal surges (Tip-Ground, Ring-Ground), RTOTAL is calculated for both Tip and Ring. RTOTAL = RTIP + RSOURCE RTOTAL = RRING + RSOURCE For metallic surges (Tip-Ring): RTOTAL = RTIP + RRING + RSOURCE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |