Electronic Components Datasheet Search
  English  ▼

X  

ACE803ND Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE803ND
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE803ND Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE803ND Datasheet HTML 1Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 2Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 3Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 4Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 5Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 6Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 7Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 8Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ACE803ND
3-Pin Microprocessor Reset Circuits
VER 1.1
6
Interfacing to μPs with Bidirectional Reset Pins
Since the RESET output on the ACE803ND
is open drain, this device interfaces easily with μPs that have
bidirectional reset pins, such as the Motorola 68HC11. Connecting the μP supervisor’s RESET output
directly to the microcontroller’s (μC’s) RESET pin with a single pull-up resistor allows either device to
assert reset (Figure 2)
ACE803ND Open-Drain RESET Output Allows Use with Multiple Supplies
Benefits of Highly Accurate Reset Threshold
Most µP supervisor circuits have reset threshold voltages between 5% and 10% below the value of
nominal supply voltages. This ensures a reset will not occur within 5% of the nominal supply, but will occur
when the supply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%, this leaves a zone of uncertainty where the supply
is between 5% and 10% low, and where the reset may or may not be asserted.
The ACE803NDL/M/Z use highly accurate circuitry to ensure that reset is asserted close to the 5% limit,
and long before the supply has declined to 10% below nominal.
Figure 2. Interfacing to μPs with Bidirectional Reset I/O
Figure 3. ACE803ND Open-Drain RESET Output Allows Use with Multiple
Supplies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com