Electronic Components Datasheet Search
  English  ▼

X  

ACE803ND Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE803ND
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE803ND Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

  ACE803ND Datasheet HTML 1Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 2Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 3Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 4Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 5Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 6Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 7Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 8Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ACE803ND
3-Pin Microprocessor Reset Circuits
VER 1.1
8
Packing Information
SOT-323
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
0.90
1.10
0.035
0.043
A1
0.00
0.05
0.10
0.000
0.002
0.004
A2
0.90
1.00
0.035
0.039
b
0.20
0.30
0.40
0.008
0.012
0.016
c
0.08
0.18
0.003
0.007
D
1.80
2.15
2.20
0.071
0.085
0.087
E
1.15
1.30
1.35
0.045
0.051
0.053
E1
2.00
2.45
0.079
0.096
e
0.65BSC
0.026BSC
e1
1.20
1.30
1.40
0.047
0.051
0.055
L
0.25
0.46
0.010
0.018
θ
0°
8°
0°
8°
NOTES:
1. Compound dimension: 2.15×1.30
2. Unit: mm
3. General tolerance ±0.05mm unless otherwise specified
4. The layout is just for reference



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com