Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145
Description  High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145 Datasheet(HTML) 2 Page - Texas Instruments

  OPA145 Datasheet HTML 1Page - Texas Instruments OPA145 Datasheet HTML 2Page - Texas Instruments OPA145 Datasheet HTML 3Page - Texas Instruments OPA145 Datasheet HTML 4Page - Texas Instruments OPA145 Datasheet HTML 5Page - Texas Instruments OPA145 Datasheet HTML 6Page - Texas Instruments OPA145 Datasheet HTML 7Page - Texas Instruments OPA145 Datasheet HTML 8Page - Texas Instruments OPA145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
OPA145, OPA2145, OPA4145
SBOS427 – JUNE 2017
www.ti.com
Product Folder Links: OPA145 OPA2145 OPA4145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information: OPA145 .................................. 6
7.5
Thermal Information: OPA2145 ................................ 7
7.6
Thermal Information: OPA4145 ................................ 7
7.7
Electrical Characteristics: VS = 4.5 V to 36 V; ±2.25 V
to ±18 V...................................................................... 8
7.8
Typical Characteristics ............................................ 10
7.9
Typical Characteristics ............................................ 11
8
Detailed Description ............................................ 18
8.1
Overview ................................................................. 18
8.2
Functional Block Diagram ....................................... 18
8.3
Feature Description................................................. 19
8.4
Device Functional Modes........................................ 25
9
Application and Implementation ........................ 26
9.1
Application Information............................................ 26
9.2
Typical Application ................................................. 26
10
System Examples................................................ 28
10.1
16-bit, 100-kSPS, Fully Differential Transimpedance
Imaging and Measurement ...................................... 28
11
Power Supply Recommendations ..................... 29
12
Layout................................................................... 30
12.1
Layout Guidelines ................................................. 30
12.2
Layout Example .................................................... 31
13
Device and Documentation Support ................. 32
13.1
Device Support...................................................... 32
13.2
Documentation Support ........................................ 32
13.3
Related Links ........................................................ 33
13.4
Receiving Notification of Documentation Updates 33
13.5
Community Resources.......................................... 33
13.6
Trademarks ........................................................... 33
13.7
Electrostatic Discharge Caution ............................ 33
13.8
Glossary ................................................................ 33
14
Mechanical, Packaging, and Orderable
Information ........................................................... 33
4 Revision History
DATE
REVISION
NOTES
June 2017
*
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com