Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145
Description  High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA145 Datasheet HTML 9Page - Texas Instruments OPA145 Datasheet HTML 10Page - Texas Instruments OPA145 Datasheet HTML 11Page - Texas Instruments OPA145 Datasheet HTML 12Page - Texas Instruments OPA145 Datasheet HTML 13Page - Texas Instruments OPA145 Datasheet HTML 14Page - Texas Instruments OPA145 Datasheet HTML 15Page - Texas Instruments OPA145 Datasheet HTML 16Page - Texas Instruments OPA145 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
20
200
2k
20k
Frequency (Hz)
G = -1, 2k-
Load
G = -1, 600-
Load
G = -1, 10k-
Load
G = +1, 2k-
Load
G = +1, 600-
Load
G = +1, 10k-
Load
C004
1
10
100
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C002
0.001
0.01
0.1
1
10
100
120
140
160
180
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
Time (1 s/div)
C017
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
CMRR
+PSRR
±PSRR
C004
0.01
0.1
1
10
100
110
120
130
140
150
160
±75 ±50 ±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
13
OPA145, OPA2145, OPA4145
www.ti.com
SBOS427 – JUNE 2017
Product Folder Links: OPA145 OPA2145 OPA4145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 13. CMRR and PSRR vs Frequency
Figure 14. CMRR vs Temperature
Figure 15. PSRR vs Temperature
Figure 16. 0.1-Hz to 10-Hz Voltage Noise
Figure 17. Input Voltage Noise Spectral Density
vs Frequency
VOUT = 3.5 VRMS,
BW = 90 kHz
Figure 18. THD+N Ratio vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com