Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145
Description  High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA145 Datasheet HTML 17Page - Texas Instruments OPA145 Datasheet HTML 18Page - Texas Instruments OPA145 Datasheet HTML 19Page - Texas Instruments OPA145 Datasheet HTML 20Page - Texas Instruments OPA145 Datasheet HTML 21Page - Texas Instruments OPA145 Datasheet HTML 22Page - Texas Instruments OPA145 Datasheet HTML 23Page - Texas Instruments OPA145 Datasheet HTML 24Page - Texas Instruments OPA145 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
(A) Noise in Noninverting Gain Configuration
+
±
R2
R1
RS
+
±
VS
GND
Source
EO
GND
+
±
R2
R1
GND
EO
RS
+
±
VS
GND
Source
(B) Noise in Inverting Gain Configuration
:1; '
1 =
l1+42
41
p„¨:A
5
;2 +:A
0
;2 +
kA
41æ42
o2+:E
0
„ 45
;2 +
lE
0
„
d41„42
41 + 42
hp2 >8
4/5
?
:2; A
5 =
¥4„G$„6(-)„45 d 8
¾*V
h
:3; A
41æ42 =
¨4„G
$
„ 6(-) „
d41„42
41 + 42
h d 8
¾*V
h
:4; G
$ = 1.38065
„ 10
F23
d ,
-
h
:5; 6(-) = 237.15+6(°%) >-?
Noise at the output is given as EO, where
Noise at the output is given as EO, where
:6; '
1 =
l1+ 42
45 + 41
p„¨:A
0
;2 +
kA
41+45 æ42
o2+FE
0
„
H:45 +41;„42
45 + 41 + 42 IG
2
>8
4/5
?
:7; A
41+45 æ42 =
¨4„G
$
„ 6(-) „
H:45 +41;„42
45 + 41 + 42 I
d 8
¾*V
h
:8; G
$ = 1.38065
„ 10
F23
d ,
-
h
:9; 6(-) = 237.15+6(°%) >-?
Thermal noise of RS
Thermal noise of R1 || R2
Boltzmann Constant
Temperature in kelvins
Boltzmann Constant
Temperature in kelvins
Thermal noise of (R1 + RS) || R2
Copyright © 2017, Texas Instruments Incorporated
21
OPA145, OPA2145, OPA4145
www.ti.com
SBOS427 – JUNE 2017
Product Folder Links: OPA145 OPA2145 OPA4145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
(1)
eN is the voltage noise of the amplifier. For the OPAx145 series of operational amplifiers, eN = 7 nV/√Hz at 1 kHz.
(2)
iN is the current noise of the amplifier. For the OPAx145 series of operational amplifiers, iN = 0.8 fA/√Hz at 1 kHz.
(3)
For additional resources on noise calculations visit TI's Precision Labs Series.
Figure 40. Noise Calculation in Gain Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com